Electronic Components Datasheet Search
  English  ▼

X  

ISO7730FDW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7730FDW
Description  High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7730FDW Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO7730FDW Datasheet HTML 6Page - Texas Instruments ISO7730FDW Datasheet HTML 7Page - Texas Instruments ISO7730FDW Datasheet HTML 8Page - Texas Instruments ISO7730FDW Datasheet HTML 9Page - Texas Instruments ISO7730FDW Datasheet HTML 10Page - Texas Instruments ISO7730FDW Datasheet HTML 11Page - Texas Instruments ISO7730FDW Datasheet HTML 12Page - Texas Instruments ISO7730FDW Datasheet HTML 13Page - Texas Instruments ISO7730FDW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10
ISO7730, ISO7731
SLLSES0B – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: ISO7730 ISO7731
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
6.15 Switching Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 13
6
11
16
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
0.6
4.9
ns
tsk(o)
Channel-to-channel output skew time(2)
Same-direction channels
4
ns
tsk(pp)
Part-to-part skew time(3)
4.5
ns
tr
Output signal rise time
See Figure 13
1.3
3.9
ns
tf
Output signal fall time
1.4
3.9
ns
tPHZ
Disable propagation delay, high-to-high impedance output
See Figure 14
8
20
ns
tPLZ
Disable propagation delay, low-to-high impedance output
8
20
ns
tPZH
Enable propagation delay, high impedance-to-high output for
ISO773x
7
20
ns
Enable propagation delay, high impedance-to-high output for
ISO773x with F suffix
3
8.5
μs
tPZL
Enable propagation delay, high impedance-to-low output for ISO773x
3
8.5
μs
Enable propagation delay, high impedance-to-low output for ISO773x
with F suffix
7
20
ns
tDO
Default output delay time from input power loss
Measured from the time VCC
goes below 1.7 V. See Figure 15
0.1
0.3
μs
tie
Time interval error
216 – 1 PRBS data at 100 Mbps
0.6
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com