Electronic Components Datasheet Search
  English  ▼

X  

ISO7730FDWR Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7730FDWR
Description  High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7730FDWR Datasheet(HTML) 31 Page - Texas Instruments

Back Button ISO7730FDWR Datasheet HTML 27Page - Texas Instruments ISO7730FDWR Datasheet HTML 28Page - Texas Instruments ISO7730FDWR Datasheet HTML 29Page - Texas Instruments ISO7730FDWR Datasheet HTML 30Page - Texas Instruments ISO7730FDWR Datasheet HTML 31Page - Texas Instruments ISO7730FDWR Datasheet HTML 32Page - Texas Instruments ISO7730FDWR Datasheet HTML 33Page - Texas Instruments ISO7730FDWR Datasheet HTML 34Page - Texas Instruments ISO7730FDWR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
.002 MAX
[0.05]
ALL AROUND
.002 MIN
[0.05]
ALL AROUND
(.213)
[5.4]
14X (.0250 )
[0.635]
16X (.063)
[1.6]
16X (.016 )
[0.41]
SHRINK SMALL-OUTLINE PACKAGE
SSOP - 1.75 mm max height
DBQ0016A
4214846/A 03/2014
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
OPENING
SOLDER MASK DETAILS
SOLDER MASK
METAL
SOLDER MASK
DEFINED
SCALE:8X
LAND PATTERN EXAMPLE
SYMM
1
8
9
16
SEE
DETAILS
31
ISO7730, ISO7731
www.ti.com
SLLSES0B – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: ISO7730 ISO7731
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com