Electronic Components Datasheet Search
  English  ▼

X  

ISO7730FDWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7730FDWR
Description  High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7730FDWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7730FDWR Datasheet HTML 3Page - Texas Instruments ISO7730FDWR Datasheet HTML 4Page - Texas Instruments ISO7730FDWR Datasheet HTML 5Page - Texas Instruments ISO7730FDWR Datasheet HTML 6Page - Texas Instruments ISO7730FDWR Datasheet HTML 7Page - Texas Instruments ISO7730FDWR Datasheet HTML 8Page - Texas Instruments ISO7730FDWR Datasheet HTML 9Page - Texas Instruments ISO7730FDWR Datasheet HTML 10Page - Texas Instruments ISO7730FDWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7
ISO7730, ISO7731
www.ti.com
SLLSES0B – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: ISO7730 ISO7731
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC.
(2)
Measured from input pin to ground.
6.9 Electrical Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –4 mA; see Figure 13
VCCO
(1) – 0.4
4.8
V
VOL
Low-level output voltage
IOL = 4 mA; see Figure 13
0.2
0.4
V
VIT+(IN)
Rising input voltage threshold
0.6 x VCCI
0.7 x VCCI
V
VIT-(IN)
Falling input voltage threshold
0.3 x VCCI
0.4 x VCCI
V
VI(HYS)
Input threshold voltage
hysteresis
0.1 × VCCI
0.2 x VCCI
V
IIH
High-level input current
VIH = VCCI
(1) at INx or ENx
10
μA
IIL
Low-level input current
VIL = 0 V at INx or ENx
–10
μA
CMTI
Common-mode transient
immunity
VI = VCCI or 0 V, VCM = 1200 V; see Figure 16
40
100
kV/μs
CI
Input Capacitance(2)
VI = VCC/ 2 + 0.4×sin(2πft), f = 1 MHz, VCC = 5
V
2
pF
(1)
VCCI = Input-side VCC
6.10 Supply Current Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY
CURREN
T
MIN
TYP
MAX
UNIT
ISO7730
Supply Current - Disable
EN2 = 0 V; VI = VCC1 (ISO7730);
VI = 0 V (ISO7730 with F suffix)
ICC1
1
1.4
mA
ICC2
0.3
0.4
mA
EN2 = 0 V; VI = 0 V (ISO7730);
VI = VCC1 (ISO7730 with F suffix)
ICC1
4.3
6
mA
ICC2
0.3
0.4
mA
Supply Current - DC signal
EN2 = VCC2; VI = VCC1 (ISO7730);
VI = 0 V (ISO7730 with F suffix)
ICC1
1
1.4
mA
ICC2
1.6
2.5
mA
EN2 = VCC2; VI = 0 V (ISO7730);
VI = VCC1 (ISO7730 with F suffix)
ICC1
4.3
6
mA
ICC2
1.8
2.7
mA
Supply Current - AC signal
EN2 = VCCI;
All channels switching with square wave clock
input; CL = 15 pF
1 Mbps
ICC1
2.6
3.7
mA
ICC2
1.9
2.8
mA
10 Mbps
ICC1
2.7
3.8
mA
ICC2
3.3
4.5
mA
100 Mbps
ICC1
3.6
4.6
mA
ICC2
17.5
21
mA
ISO7731
Supply current - Disable
EN1 = EN2 = 0 V; VI = VCCI
(1) (ISO7731);
VI = 0 V (ISO7731 with F suffix)
ICC1
0.8
1.2
mA
ICC2
0.7
1
mA
EN1 = EN2 = 0 V; VI = 0 V (ISO7731);
VI = VCCI (ISO7731 with F suffix)
ICC1
3
4.3
mA
ICC2
1.8
2.6
mA
Supply Current - DC signal
EN1 = EN2 = VCCI; VI = VCCI (ISO7731);
VI = 0 V (ISO7731 with F suffix)
ICC1
1.3
1.7
mA
ICC2
1.6
2.2
mA
EN1 = EN2 = VCCI; VI = 0 V (ISO7731);
VI = VCCI (ISO7731 with F suffix)
ICC1
3.5
5
mA
ICC2
2.8
4.1
mA
Supply Current - AC signal
EN1 = EN2 = VCCI;
All channels switching with square wave clock
input; CL = 15 pF
1 Mbps
ICC1
2.7
3.4
mA
ICC2
2.3
3.3
mA
10 Mbps
ICC1
3
4
mA
ICC2
3.3
4.4
mA
100 Mbps
ICC1
8.5
11
mA
ICC2
13.1
16
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com