Electronic Components Datasheet Search
  English  ▼

X  

ISO7730FDWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7730FDWR
Description  High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7730FDWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO7730FDWR Datasheet HTML 2Page - Texas Instruments ISO7730FDWR Datasheet HTML 3Page - Texas Instruments ISO7730FDWR Datasheet HTML 4Page - Texas Instruments ISO7730FDWR Datasheet HTML 5Page - Texas Instruments ISO7730FDWR Datasheet HTML 6Page - Texas Instruments ISO7730FDWR Datasheet HTML 7Page - Texas Instruments ISO7730FDWR Datasheet HTML 8Page - Texas Instruments ISO7730FDWR Datasheet HTML 9Page - Texas Instruments ISO7730FDWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
ISO7730, ISO7731
SLLSES0B – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: ISO7730 ISO7731
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.7 Regulatory Information
DW package devices certified according to VDE, UL, and TUV; All other certifications are planned.
VDE
CSA
UL
CQC
TUV
Certified according to DIN
V VDE V 0884-10 (VDE V
0884-10):2006-12
Plan to certify according to CSA
Component Acceptance Notice
5A, IEC 60950-1, IEC 61010-1,
and IEC 60601-1
Certified according to UL 1577
Component Recognition
Program
Plan to certify according to GB
4943.1-2011
Certified according to EN
61010-1:2010 (3rd Ed) and
EN 60950-1:2006/A11
:2009/A1:2010/A12:2011/A2
:2013
Maximum transient
isolation voltage, 8000 VPK
(DW-16) and 3600 VPK
(DBQ-16);
Maximum repetitive peak
isolation voltage, 1414 VPK
(DW-16) and 566 VPK
(DBQ-16);
Maximum surge isolation
voltage, 8000 VPK (DW-16)
and 4000 VPK (DBQ-16)
Reinforced insulation per CSA
61010-1-12 and IEC 61010-1
3rd Ed., 600 VRMS (DW-16 )
maximum working voltage;
DW-16: Single protection, 5000
VRMS ;
DBQ-16: Single protection,
2500 VRMS
DW-16: Reinforced Insulation,
Altitude
≤ 5000 m, Tropical
Climate, 400 VRMS maximum
working voltage;
DBQ-16: Basic Insulation,
Altitude
≤ 5000 m, Tropical
Climate, 250 VRMS maximum
working voltage
5000 VRMS Reinforced
insulation per EN 61010-
1:2010 (3rd Ed) up to
working voltage of 600 VRMS
(DW package)
Reinforced insulation per CSA
60950-1-07+A1+A2 and IEC
60950-1 2nd Ed.,
800 VRMS (DW-16) and 370
VRMS (DBQ-16) max working
voltage (pollution degree 2,
material group I);
DW-16: 2 MOPP (Means of
Patient Protection) per CSA
60601-1:14 and IEC 60601-1
Ed. 3.1, 250 VRMS (354 VPK)
max working voltage
5000 VRMS Reinforced
insulation per EN 60950-
1:2006/A11:2009/A1:2010/A
12:2011/A2:2013 up to
working voltage of 800 VRMS
(DW package)
Certificate number:
40040142
Certification Planned
File number: E181974
Certification Planned
Client ID number: 77311
6.8 Safety Limiting Values
Safety limiting intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry. A failure of
the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DW-16 PACKAGE
IS
Safety input, output, or supply
current
RθJA = 81.4 °C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C, see
Figure 1
279
mA
RθJA = 81.4 °C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C, see
Figure 1
427
RθJA = 81.4 °C/W, VI = 2.75 V, TJ = 150°C, TA = 25°C, see
Figure 1
558
PS
Safety input, output, or total
power
RθJA = 81.4 °C/W, TJ = 150°C, TA = 25°C, see Figure 3
1536
mW
TS
Maximum safety temperature
150
°C
DBQ-16 PACKAGE
IS
Safety input, output, or supply
current
RθJA = 109.0°C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C, see
Figure 2
209
mA
RθJA = 109.0 °C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C, see
Figure 2
319
RθJA = 109.0°C/W, VI = 2.75 V, TJ = 150°C, TA = 25°C, see
Figure 2
417
PS
Safety input, output, or total
power
RθJA = 109.0°C/W, TJ = 150°C, TA = 25°C, see Figure 4
1147
mW
TS
Maximum safety temperature
150
°C
The maximum safety temperature is the maximum junction temperature specified for the device. The power
dissipation and junction-to-air thermal impedance of the device installed in the application hardware determines
the junction temperature. The assumed junction-to-air thermal resistance in the Thermal Information is that of a
device installed on a High-K test board for leaded surface mount packages. The power is the recommended
maximum input voltage times the current. The junction temperature is then the ambient temperature plus the
power times the junction-to-air thermal resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com