Electronic Components Datasheet Search
  English  ▼

X  

TLV702 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV702
Description  TLV702 300-mA, Low-IQ, Low-Dropout Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV702 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV702 Datasheet HTML 2Page - Texas Instruments TLV702 Datasheet HTML 3Page - Texas Instruments TLV702 Datasheet HTML 4Page - Texas Instruments TLV702 Datasheet HTML 5Page - Texas Instruments TLV702 Datasheet HTML 6Page - Texas Instruments TLV702 Datasheet HTML 7Page - Texas Instruments TLV702 Datasheet HTML 8Page - Texas Instruments TLV702 Datasheet HTML 9Page - Texas Instruments TLV702 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
0
100
150
300
I
(mA)
OUT
300
250
200
150
100
50
0
50
200
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=4.8V
OUT
250
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
125
10mA
150mA
200mA
V
=1.8V
OUT
0
100
150
300
I
(mA)
OUT
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
50
200
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=1.8V
OUT
250
350
300
250
200
150
100
50
0
2.25
2.75
3.25
3.75
4.25
4.75
V
(V)
IN
+125 C
°
+85 C
°
+25 C
°
-40 C
°
I
=300mA
OUT
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
2.1
2.6
3.1
3.6
4.1
4.6
5.1
V
(V)
IN
5.6
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=1.8V
I
=10mA
OUT
OUT
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
2.3
2.7
3.1
3.5
3.9
4.3
4.7
V
(V)
IN
5.5
5.1
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=1.8V
I
=300mA
OUT
OUT
TLV702
SLVSAG6C – SEPTEMBER 2010 – REVISED MARCH 2015
www.ti.com
6.6 Typical Characteristics
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(nom) + 0.5 V or 2 V, whichever is greater; IOUT = 10 mA,
VEN = VIN, COUT = 1 μF, unless otherwise noted. Typical values are at TJ = 25°C.
Figure 1. Line Regulation
Figure 2. Line Regulation
Figure 3. Load Regulation
Figure 4. Dropout Voltage vs Input Voltage
Figure 6. Output Voltage vs Temperature
Figure 5. Dropout Voltage vs Output Current
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TLV702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com