Electronic Components Datasheet Search
  English  ▼

X  

TLV702 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLV702
Description  TLV702 300-mA, Low-IQ, Low-Dropout Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV702 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV702 Datasheet HTML 10Page - Texas Instruments TLV702 Datasheet HTML 11Page - Texas Instruments TLV702 Datasheet HTML 12Page - Texas Instruments TLV702 Datasheet HTML 13Page - Texas Instruments TLV702 Datasheet HTML 14Page - Texas Instruments TLV702 Datasheet HTML 15Page - Texas Instruments TLV702 Datasheet HTML 16Page - Texas Instruments TLV702 Datasheet HTML 17Page - Texas Instruments TLV702 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
1ms/div
V
OUT
V
IN
2.9V
2.3V
V
=1.8V
I
1mA
OUT
OUT =
SlewRate=1V/ s
m
10
s/div
m
V
OUT
I
OUT
50mA
0mA
t =t =1
s
R
F
m
V
OUT =1.8V
TLV702
SLVSAG6C – SEPTEMBER 2010 – REVISED MARCH 2015
www.ti.com
Although an input capacitor is not required for stability, it is good analog design practice to connect a 0.1-
μF to 1-
μF, low ESR capacitor across the IN pin and GND pin of the regulator. This capacitor counteracts reactive input
sources and improves transient response, noise rejection, and ripple rejection. A higher-value capacitor may be
necessary if large, fast rise-time load transients are anticipated, or if the device is not located close to the power
source. If source impedance is more than 2
Ω, a 0.1-μF input capacitor may be necessary to ensure stability.
8.2.2.2 Transient Response
As with any regulator, increasing the size of the output capacitor reduces overshoot and undershoot magnitude
but increases the duration of the transient response.
8.2.3 Application Curves
Figure 26. Load Transient Response
Figure 27. Line Transient Response
14
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TLV702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com