Electronic Components Datasheet Search
  English  ▼

X  

TLV702 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV702
Description  TLV702 300-mA, Low-IQ, Low-Dropout Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV702 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV702 Datasheet HTML 7Page - Texas Instruments TLV702 Datasheet HTML 8Page - Texas Instruments TLV702 Datasheet HTML 9Page - Texas Instruments TLV702 Datasheet HTML 10Page - Texas Instruments TLV702 Datasheet HTML 11Page - Texas Instruments TLV702 Datasheet HTML 12Page - Texas Instruments TLV702 Datasheet HTML 13Page - Texas Instruments TLV702 Datasheet HTML 14Page - Texas Instruments TLV702 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
t
=
(120
R )
(120+R )
L
L
·
·
C
OUT
Thermal
Shutdown
Current
Limit
UVLO
Bandgap
IN
EN
OUT
LOGIC
GND
TLV702xxPSeries
120W
TLV702
www.ti.com
SLVSAG6C – SEPTEMBER 2010 – REVISED MARCH 2015
Functional Block Diagrams (continued)
Figure 24. TLV702P Block Diagram
7.3 Feature Description
7.3.1 Internal Current Limit
The TLV702 internal current limit helps to protect the regulator during fault conditions. During current limit, the
output sources a fixed amount of current that is largely independent of the output voltage. In such a case, the
output voltage is not regulated, and is VOUT = ICL × RLOAD. The PMOS pass transistor dissipates (VIN – VOUT) ×
ICL until thermal shutdown is triggered and the device turns off. As the device cools, it is turned on by the internal
thermal shutdown circuit. If the fault condition continues, the device cycles between current limit and thermal
shutdown. See Thermal Consideration for more details.
The PMOS pass element in the TLV702 has a built-in body diode that conducts current when the voltage at OUT
exceeds the voltage at IN. This current is not limited, so if extended reverse voltage operation is anticipated,
external limiting to 5% of the rated output current is recommended.
7.3.2 Shutdown
The enable pin (EN) is active high. The device is enabled when voltage at EN pin goes above 0.9 V. The device
is turned off when the EN pin is held at less than 0.4 V. When shutdown capability is not required, EN can be
connected to the IN pin.
The TLV702P version has internal active pulldown circuitry that discharges the output with a time constant of:
where:
•
RL = Load resistance
•
COUT = Output capacitor
(1)
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TLV702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com