Electronic Components Datasheet Search
  English  ▼

X  

SA2411 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA2411
Description  20 dBm single chip linear amplifier for WLAN
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA2411 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA2411 Datasheet HTML 4Page - NXP Semiconductors SA2411 Datasheet HTML 5Page - NXP Semiconductors SA2411 Datasheet HTML 6Page - NXP Semiconductors SA2411 Datasheet HTML 7Page - NXP Semiconductors SA2411 Datasheet HTML 8Page - NXP Semiconductors SA2411 Datasheet HTML 9Page - NXP Semiconductors SA2411 Datasheet HTML 10Page - NXP Semiconductors SA2411 Datasheet HTML 11Page - NXP Semiconductors SA2411 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Philips Semiconductors
Product data
SA2411
+20 dBm single chip linear amplifier for WLAN
2003 Feb 07
8
Table 6. SA2411 Detector specification
Tamb = 25 °C, VCC = 3.0 V
Specification
Condition, Remarks
Min
Nom
Max
Units
GENERAL
Detector sensitivity
With 5 k
Ω load resistor to ground
–
49
–
mW/V2
Detector accuracy per sample
At 16 dBm –40
°C to +80 °C; from 2.7 V to 3.6 V
–
0.3
–
dB
Absolute accuracy
From sample to sample
–
0.5
–
dB
Detector quadratic factor
–
1.5
–
–
Detector settling time
From 10% to 90% of final value
–
500
–
ns
Spread from sample to sample
20 dBm output power
–
1
–
dB
Absolute detector voltage
19 dBm output power
–
1.4
–
V
Absolute detector voltage error
From –30
°C to +80 °C;
from 2.7 V to 3.6 V at 19 dBm output power
–
0.15
–
V
Detector power range
+10
–
+21
dBm
11. GRAPHS
The following graphs are only for a typical sample measured on a SA2411 test board under nominal condition applying an 11Mb/s CCK 802.11b
modulation. Corrections for input, output and supply losses have been applied. The dotted lines represent the low gain mode. The solid
lines are for the high gain mode.
The first two graphs are small signal graphs. The gain and the DC currents are plotted versus supply voltage.
SR02464
DC current versus Supply Voltage
10
20
30
40
50
2.7
2.9
3.1
3.3
3.5
Supply Voltage[V]
Figure 3.
DC current vs. supply voltage
SR02465
Gain versus Supply Voltage
10.0
12.0
14.0
16.0
18.0
2.7
2.9
3.1
3.3
3.5
Supply Voltage[V]
Figure 4.
Gain vs. supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com