Electronic Components Datasheet Search
  English  ▼

X  

SA2411 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA2411
Description  20 dBm single chip linear amplifier for WLAN
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA2411 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA2411 Datasheet HTML 1Page - NXP Semiconductors SA2411 Datasheet HTML 2Page - NXP Semiconductors SA2411 Datasheet HTML 3Page - NXP Semiconductors SA2411 Datasheet HTML 4Page - NXP Semiconductors SA2411 Datasheet HTML 5Page - NXP Semiconductors SA2411 Datasheet HTML 6Page - NXP Semiconductors SA2411 Datasheet HTML 7Page - NXP Semiconductors SA2411 Datasheet HTML 8Page - NXP Semiconductors SA2411 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Philips Semiconductors
Product data
SA2411
+20 dBm single chip linear amplifier for WLAN
2
2003 Feb 07
1. DESCRIPTION
The SA2411 is a linear power amplifier designed for WLAN application in the 2.4 GHz band. Together with the SA2400A the chips form a
complete 802.11b transceiver. The SA2411 is a Si power amplifier with integrated matching and power level detector.
2. FEATURES
• 75 Ω + 25j Ω differential inputs, internally matched
• 50 Ω single-ended output, internally matched
• 15 dB gain block
• Power detector
• Bias adjust pin
• 18% efficiency at 3 V
• RF matching for SA2400A
3. APPLICATIONS
• IEEE 802.11 and 802.11b radios
• Supports DSSS and CCK modulation
• Supports data rates: 1, 2, 5.5, and 11 Mbps
• 2.45 GHz ISM band wireless communication devices
Table 1. Ordering information
TYPE NUMBER
PACKAGE
TYPE NUMBER
NAME
DESCRIPTION
VERSION
SA2411DH
TSSOP16
plastic thin shrink small outline package; 16 leads; body width 4.4 mm
SOT403-1
4. BLOCK DIAGRAM
SR02383
IN+
IN–
PA
OUTPUT
MATCH
ANT
DETECTOR
INPUT
MATCH
SA2411
VDD_DRIVER
VDD_BIAS
VDD_MAIN
Power-up power mode
Figure 1.
Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com