Electronic Components Datasheet Search
  English  ▼

X  

SA56202 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA56202
Description  One-chip motor driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56202 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA56202 Datasheet HTML 4Page - NXP Semiconductors SA56202 Datasheet HTML 5Page - NXP Semiconductors SA56202 Datasheet HTML 6Page - NXP Semiconductors SA56202 Datasheet HTML 7Page - NXP Semiconductors SA56202 Datasheet HTML 8Page - NXP Semiconductors SA56202 Datasheet HTML 9Page - NXP Semiconductors SA56202 Datasheet HTML 10Page - NXP Semiconductors SA56202 Datasheet HTML 11Page - NXP Semiconductors SA56202 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
9397 750 12772
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data sheet
Rev. 01 — 19 July 2004
8 of 24
Philips Semiconductors
SA56202
One-chip motor driver
Figure 6 depicts the motor voltages VM1 and VM2 during accelerating and braking. The
back-EMF voltage is part of these motor voltages.
7.3 Sine generation using True-Silent signals
For the phase relation between the Hall inputs and the spindle outputs in forward rotation,
see Figure 7. These are the signal shapes in sine mode using our True-Silent PWM
technology. The particular shape of the 120
° symmetrical U, V and W steering voltages
are because of improved drive strength and improved power efficiency. The drive strength
is improved because with this signal shape a 15 % larger sine can be fit within the supply
rails compared to direct-written sine signals. Also the power efficiency is improved
because this signal shape has 33 % less switching losses compared to a direct-written
sine.
The result is that the motor currents (and motor torques) are pure sine waves generated in
such a way that the motor is driven optimally silent, optimally power efficient and with
maximum driving strength.
Fig 6.
Motor voltages when accelerating and braking with constant motor current.
001aaa432
VM2
accelerating
braking
VRM
VRM
VM1
VM1
VM2
VEMF
2
VEMF
2
VDD(SPN)
2
VDD(SPN)
0
0
ωmax
ωω
0
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com