Electronic Components Datasheet Search
  English  ▼

X  

SA56202 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SA56202
Description  One-chip motor driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56202 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SA56202 Datasheet HTML 14Page - NXP Semiconductors SA56202 Datasheet HTML 15Page - NXP Semiconductors SA56202 Datasheet HTML 16Page - NXP Semiconductors SA56202 Datasheet HTML 17Page - NXP Semiconductors SA56202 Datasheet HTML 18Page - NXP Semiconductors SA56202 Datasheet HTML 19Page - NXP Semiconductors SA56202 Datasheet HTML 20Page - NXP Semiconductors SA56202 Datasheet HTML 21Page - NXP Semiconductors SA56202 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
9397 750 12772
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data sheet
Rev. 01 — 19 July 2004
18 of 24
Philips Semiconductors
SA56202
One-chip motor driver
12. Package outline
Fig 14. Package outline.
UNIT
A
max.
A1
A2
A3
bp
ce
HE
LLp
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
1.2
0.15
0.05
1.05
0.80
0.25
0.27
0.17
0.20
0.09
4.3
4.1
0.5
8.3
7.9
0.4
0.1
8
0
o
o
0.08
0.1
0.2
1
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.8
0.4
SOT793-1
143E36T
MO-153
03-03-04
D (1)
14.1
13.9
E (2)
6.2
6.0
Eh
Dh
Z(1)
4.3
4.1
v M A
Eh
Dh
HE
D
E
c
X
θ
A
Lp
detail X
L
(A3)
A2
A1
y
exposed die pad
pin 1 index
bp
w M
HTSSOP56: plastic thermal enhanced thin shrink small outline package; 56 leads;
body width 6.1 mm; exposed die pad
SOT793-1
e
A
Z
1
56
28
29
0
2.5
5 mm
scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com