Electronic Components Datasheet Search
  English  ▼

X  

SA56202 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA56202
Description  One-chip motor driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56202 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA56202 Datasheet HTML 9Page - NXP Semiconductors SA56202 Datasheet HTML 10Page - NXP Semiconductors SA56202 Datasheet HTML 11Page - NXP Semiconductors SA56202 Datasheet HTML 12Page - NXP Semiconductors SA56202 Datasheet HTML 13Page - NXP Semiconductors SA56202 Datasheet HTML 14Page - NXP Semiconductors SA56202 Datasheet HTML 15Page - NXP Semiconductors SA56202 Datasheet HTML 16Page - NXP Semiconductors SA56202 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
9397 750 12772
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data sheet
Rev. 01 — 19 July 2004
13 of 24
Philips Semiconductors
SA56202
One-chip motor driver
7.12 Oscillator
The RC oscillator uses two external components (RREF and COSC) to fix its frequency at
18 MHz. RREF is used to generate a reference current. This reference current is used to
charge and discharge COSC. The nominal oscillation frequency fosc is 18 MHz with
RREF =47kΩ (2 % tolerance) and COSC = 70 pF (5 % tolerance). These values are fixed.
The oscillator can be overruled by applying an 18 MHz clock to pin COSC. The reference
current derived from RREF is also used for RLIM and REMF. RREF should always be
connected.
7.13 Muting functions
Pins CTL1 and CTL2 are used to mute certain parts of the IC. See Table 3. In this table off
means 3-state.
8.
Limiting values
Table 3:
Muting functions
CTL1
CTL2
Loading
motor
Sled motor Others
Spindle mode
L
L
off
off
off
off
L
H
on
on
off
FG and Hall bias on
H
L
off
on
on
block commutation
H
H
off
on
on
True-Silent commutation
Table 4:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Voltages
VDD(SPN)
spindle driver supply voltage
−0.5
+16
V
VDD(SLD)
sled driver supply voltage
−0.5
+16
V
VDD(LD)
loading driver supply voltage
−0.5
+16
V
VDD(ACT)
actuator drivers supply
voltage
−0.5
+16
V
VDDA
system supply voltage
−0.5
+6.5
V
Currents
IDD(SPN)
current on pins 12, 14 and 16
-
2.1
A
IDD(SLD)
current on pins 33, 34, 35, 36,
37 and 38
-
1.2
A
IDD(ACT)
current on pins 39, 40, 41, 42,
45, 46, 47 and 48
-
2.0
A
IHALL
current on pins 1, 2, 3, 4, 5
and 6
−1+1
mA
IHBIAS
current on pin 7
−1
+100
mA
IRPROG
current on pins 8, 9 and 10
−1+1
mA
IOD
current on pins 18 and 28
−1
+10
mA
IDIG
current on pins 26 and 27
−1+1
mA
ICPUMP
current on pins 23, 24 and 25
−20
+20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com