Electronic Components Datasheet Search
  English  ▼

X  

PL620-89 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # PL620-89
Description  Low Phase Noise XO (9.5-65MHz Output)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL620-89 Datasheet(HTML) 1 Page - Micrel Semiconductor

  PL620-89 Datasheet HTML 1Page - Micrel Semiconductor PL620-89 Datasheet HTML 2Page - Micrel Semiconductor PL620-89 Datasheet HTML 3Page - Micrel Semiconductor PL620-89 Datasheet HTML 4Page - Micrel Semiconductor PL620-89 Datasheet HTML 5Page - Micrel Semiconductor PL620-89 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PL620-88/-89
Low Phase Noise XO (9.5-65MHz Output)
Micrel Inc. • 2180 Fortune Drive • S an Jose, CA 95131 • USA • tel +1(408) 944-0800 • fax +1(408) 474-1000 • www.micrel.com
Rev 4/28/09 Page 1
FEATURES
 Crystal input range: 19MHz to 65MHz
 Output range: 9.5MHz – 65MHz
 Very low phase noise and jitter
 Complementary outputs:
o
LVPECL (PL620-88)
o
LVDS (PL620-89)
 Supports 2.5V or 3.3V Power Supply.
 Available in 16 pin TSSOP GREEN/RoHS
compliant package.
DESCRIPTION
The PL620-88 (LVPECL) and PL620-89 (LVDS) are
XO ICs specifically designed to work with
fundamental or 3rd OT crystals between 19MHz and
65MHz. The selectable divide by two feature extends
the output range from 9.5MHz to 65MHz. They
require very low current into the crystal resulting in
better overall stability.
BLOCK DIAGRAM
PIN CONFIGURATION
OUTPUT ENABLE LOGIC TABLE
Part Number
OE
State
PL620-88
0 (Default) Output enabled
1
Tri-state
PL620-89
0
Tri-state
1 (Default) Output enabled
OUTPUT FREQUENCY DIVIDE BY
TWO SELECTOR (S2)
S2
Output
0
Intput/2
1(Default)
Input
O
E
Q
Q
Osci llator
Amplifier
S2
X+
X-
1
2
3
4
5
6
7
8
VDD
9
10
11
12
13
14
15
16
XIN
XOUT
DNC
S2^
OE
DNC
GND
DNC
DNC
GNDBUF
QBAR
VDDBUF
Q
GNDBUF
GND
TSSOP-16L
Note: ^ denotes internal pull up


Similar Part No. - PL620-89

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PL621ZS LEIDITECH-PL621ZS Datasheet
1Mb / 2P
DFN0603 Plastic Package Schottky Barrier Diode
logo
PhaseLink Corporation
PL623-38 PLL-PL623-38 Datasheet
216Kb / 6P
Low Phase Noise XO (for 3rd O.T.) For 65-130MHz
logo
Zibo Seno Electronic En...
PL62C ZSELEC-PL62C Datasheet
1Mb / 14P
ZENER DIODES
logo
STMicroelectronics
PL62Z STMICROELECTRONICS-PL62Z Datasheet
199Kb / 3P
ZENDER DIODES DIODES ZENDER
More results

Similar Description - PL620-89

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL620-80 ETC1-PLL620-80 Datasheet
212Kb / 7P
Low Phase Noise XO (9.5-65MHz Output)
logo
PhaseLink Corporation
P521-49 PLL-P521-49 Datasheet
107Kb / 6P
Low Phase Noise LVDS VCXO (27MHz to 65MHz)
PLL620-88 PLL-PLL620-88 Datasheet
200Kb / 6P
Low Phase Noise XO (9.5-65MHz Output)
PLL520-80 PLL-PLL520-80 Datasheet
226Kb / 7P
Low Phase Noise VCXO (9.5-65MHz)
PLL520-88-89 PLL-PLL520-88-89 Datasheet
216Kb / 7P
Low Phase Noise VCXO (9.5-65MHz)
PLL620-80 PLL-PLL620-80 Datasheet
813Kb / 7P
Low Phase Noise XO (9.5-65MHz Output)
logo
Abracon Corporation
ABV2088 ABRACON-ABV2088 Datasheet
71Kb / 7P
Low Phase Noise VCXO (9.5-65MHz)
03/21/05
ABX2088 ABRACON-ABX2088 Datasheet
67Kb / 6P
Low Phase Noise XO (9.5-65MHz Output)
03/21/05
ABX8037 ABRACON-ABX8037 Datasheet
214Kb / 10P
38-640MHz Low Phase Noise XO
9/1/05
logo
EUROQUARTZ limited
Y1600 EUROQUARTZ-Y1600 Datasheet
74Kb / 1P
Rugged XO/Low Phase Noise
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com