Electronic Components Datasheet Search
  English  ▼

X  

PL620-89 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # PL620-89
Description  Low Phase Noise XO (9.5-65MHz Output)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL620-89 Datasheet(HTML) 4 Page - Micrel Semiconductor

  PL620-89 Datasheet HTML 1Page - Micrel Semiconductor PL620-89 Datasheet HTML 2Page - Micrel Semiconductor PL620-89 Datasheet HTML 3Page - Micrel Semiconductor PL620-89 Datasheet HTML 4Page - Micrel Semiconductor PL620-89 Datasheet HTML 5Page - Micrel Semiconductor PL620-89 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PL620-88/-89
Low Phase Noise XO (9.5-65MHz Output)
Micrel Inc. • 2180 Fortune Drive • S an Jose, CA 95131 • USA • tel +1(408) 944-0800 • fax +1(408) 474-1000 • www.micrel.com
Rev 4/28/09 Page 4
6. LVDS Electrical Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Differential Voltage
VOD
RL = 100 Ω
(see figure)
247
355
454
mV
VDD Magnitude Change
VOD
-50
50
mV
Output High Voltage
VOH
1.4
1.6
V
Output Low Voltage
VOL
0.9
1.1
V
Offset Voltage
VOS
1.125
1.2
1.375
V
Offset Magnitude Change
VOS
0
3
25
mV
Power-off Leakage
IOXD
Vout = VDD or GND
VDD = 0V
1
10
uA
Output Short Circuit Current
IOSD
-5.7
-8
mA
7. LVDS Switching Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Clock Rise Time
tr
RL = 100 Ω
CL = 10 pF
(see figure)
0.2
0.7
1.0
ns
Differential Clock Fall Time
tf
0.2
0.7
1.0
ns
OUT
OUT
V
OD
V
OS
50
50
OUT
V
DIF F
R
L = 100 
C
L = 10pF
C
L = 10pF
LVDS Switching Test Circuit
LVDS Levels Test Circuit
LVDS Transistion Time Waveform
OUT
OUT
OUT
0V (Differential)
0V
20%
80%
20%
80%
t
R
t
F
V
DIF F



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com