Electronic Components Datasheet Search
  English  ▼

X  

PL620-89 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # PL620-89
Description  Low Phase Noise XO (9.5-65MHz Output)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL620-89 Datasheet(HTML) 3 Page - Micrel Semiconductor

  PL620-89 Datasheet HTML 1Page - Micrel Semiconductor PL620-89 Datasheet HTML 2Page - Micrel Semiconductor PL620-89 Datasheet HTML 3Page - Micrel Semiconductor PL620-89 Datasheet HTML 4Page - Micrel Semiconductor PL620-89 Datasheet HTML 5Page - Micrel Semiconductor PL620-89 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PL620-88/-89
Low Phase Noise XO (9.5-65MHz Output)
Micrel Inc. • 2180 Fortune Drive • S an Jose, CA 95131 • USA • tel +1(408) 944-0800 • fax +1(408) 474-1000 • www.micrel.com
Rev 4/28/09 Page 3
2. Crystal Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Crystal Resonator Frequency
FXIN
Fundamental
19
65
MHz
Crystal Loading Rating
CL (xtal)
8.5
pF
Interelectrode Capacitance
C0
5
pF
Recommended ESR
RE
AT cut
30
Ω
3. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current (Loaded Outputs)
IDD
LVPECL/LVDS, 15pF Load
100/80
mA
Operating Voltage
VDD
2.25
3.63
V
Output Clock Duty Cycle
@ 1.25V (LVDS)
@ VDD – 1.3V (LVPECL)
45
50
55
%
Short Circuit Current
50
mA
4. Jitter Specifications
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNITS
Period jitter RMS at 27MHz
With capacitive decoupling
between VDD and GND. Over
10,000 cycles
2.3
ps
Period jitter peak-to-peak at 27MHz
18.5
20
Accumulated jitter RMS at 27MHz
With capacitive decoupling
between VDD and GND. Over
1,000,000 cycles.
2.3
ps
Accumulated jitter pk-to-pk at 27MHz
24
25
Random Jitter
“RJ” measured on Wavecrest
SIA 3000
2.3
ps
Measured on Wavecrest SIA 3000
5. Phase Noise Specifications
PARAMETERS
FREQUENCY
@10Hz
@100Hz
@1kHz
@10kHz
@100kHz
UNITS
Phase Noise
relative to carrier
27MHz
-75
-100
-125
-140
-145
dBc/Hz
Note: Phase Noise measured on Agilent E5500



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com