Electronic Components Datasheet Search
  English  ▼

X  

ADP5070 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5070
Description  Independent Positive and Negative Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5070 Datasheet(HTML) 1 Page - Analog Devices

  ADP5070 Datasheet HTML 1Page - Analog Devices ADP5070 Datasheet HTML 2Page - Analog Devices ADP5070 Datasheet HTML 3Page - Analog Devices ADP5070 Datasheet HTML 4Page - Analog Devices ADP5070 Datasheet HTML 5Page - Analog Devices ADP5070 Datasheet HTML 6Page - Analog Devices ADP5070 Datasheet HTML 7Page - Analog Devices ADP5070 Datasheet HTML 8Page - Analog Devices ADP5070 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
2 A/1.2 A DC-to-DC Switching Regulator with
Independent Positive and Negative Outputs
Data Sheet
ADP5071
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Wide input supply voltage range: 2.85 V to 15 V
Generates well regulated, independently resistor
programmable VPOS and VNEG outputs
Boost regulator to generate VPOS output
Adjustable positive output to 39 V
Integrated 2.0 A main switch
Optional single-ended primary-inductor converter
(SEPIC) configuration for automatic step-up/step-down
Inverting regulator to generate VNEG output
Adjustable negative output to VIN − 39 V
Integrated 1.2 A main switch
True shutdown for both positive and negative outputs
1.2 MHz/2.4 MHz switching frequency with optional external
frequency synchronization from 1.0 MHz to 2.6 MHz
Resistor programmable soft start timer
Slew rate control for lower system noise
Individual precision enable and flexible start-up sequence
control for symmetric start, VPOS first, or VNEG first
Out-of-phase operation
UVLO, OCP, OVP, and TSD protection
4 mm × 4 mm, 20-lead LFCSP and 20-lead TSSOP
−40°C to +125°C junction temperature range
Supported by the ADIsimPower tool set
APPLICATIONS
Bipolar amplifiers, ADCs, DACs, and multiplexers
Charge-coupled device (CCD) bias supply
Optical module supply
RF power amplifier (PA) bias
TYPICAL APPLICATION CIRCUIT
ADP5071
SS
INBK
SW1
RC1
CC1
COMP1
RC2
CC2
COMP2
CVREG
VREG
EN1
SYNC/FREQ
SLEW
SEQ
EN2
AGND
PVIN1
PVIN2
PVINSYS
CIN1
VIN
FB1
D1
L1
L2
RFB1
RFT1
VPOS
SW2
PGND
FB2
VREF
D2
RFB2
RFT2
VNEG
CVREF
COUT1
COUT2
Figure 1.
GENERAL DESCRIPTION
The ADP5071 is a dual high performance dc-to-dc regulator that
generates independently regulated positive and negative rails.
The input voltage range of 2.85 V to 15 V supports a wide variety of
applications. The integrated main switch in both regulators enables
generation of an adjustable positive output voltage up to +39 V
and a negative output voltage down to −39 V below input voltage.
The ADP5071 operates at a pin selected 1.2 MHz/2.4 MHz
switching frequency. The ADP5071 can synchronize with an
external oscillator from 1.0 MHz to 2.6 MHz to ease noise
filtering in sensitive applications. Both regulators implement
programmable slew rate control circuitry for the MOSFET
driver stage to reduce electromagnetic interference (EMI).
Flexible start-up sequencing is provided with the options of
manual enable, simultaneous mode, positive supply first, and
negative supply first.
The ADP5071 includes a fixed internal or resistor programmable
soft start timer to prevent inrush current at power-up. During
shutdown, both regulators completely disconnect the loads from
the input supply to provide a true shutdown.
Other key safety features in the ADP5071 include overcurrent
protection (OCP), overvoltage protection (OVP), thermal
shutdown (TSD), and input undervoltage lockout (UVLO).
The ADP5071 is available in a 20-lead LFCSP or in a 20-lead
TSSOP and is rated for a −40°C to +125°C junction temperature
range.
Table 1. Family Models
Model
Boost Switch (A)
Inverter Switch (A)
ADP5070
1.0
0.6
ADP5071
2.0
1.2


Similar Part No. - ADP5070

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5070 AD-ADP5070 Datasheet
1,023Kb / 28P
Independent Positive and Negative Outputs
REV. A
ADP5070 AD-ADP5070 Datasheet
509Kb / 17P
1.2 A, DC-to-DC Inverting Regulator
10/2017-Rev. 0 to Rev. A
ADP5070 AD-ADP5070 Datasheet
520Kb / 17P
2.4 A, DC-to-DC Inverting Regulator
10/2017-Rev. 0 to Rev. A
ADP5070 AD-ADP5070 Datasheet
652Kb / 19P
800 mA, DC-to-DC Inverting Regulator
9/2017-Rev. A to Rev. B
ADP5070 AD-ADP5070 Datasheet
715Kb / 23P
2 A/1.2 A DC-to-DC Switching Regulator with Independent Positive and Negative Outputs
12/2019-Rev. 0 to Rev. A
More results

Similar Description - ADP5070

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1945 LINER-LT1945 Datasheet
142Kb / 8P
Dual Micropower DC/DC Converter with Positive and Negative Outputs
LT1945 LINER-LT1945_15 Datasheet
131Kb / 8P
Dual Micropower DC/DC Converter with Positive and Negative Outputs
logo
Analog Devices
ADP5070 AD-ADP5070 Datasheet
1,023Kb / 28P
Independent Positive and Negative Outputs
REV. A
logo
List of Unclassifed Man...
1672 ETC2-1672 Datasheet
1Mb / 3P
Three independent outputs
9130B ETC2-9130B Datasheet
511Kb / 4P
Three independent and electrically isolated outputs
logo
Recom International Pow...
RU-RUM RECOM-RU-RUM Datasheet
97Kb / 2P
Twin Independent Outputs
logo
Artesyn Technologies
AIH ARTESYN-AIH Datasheet
454Kb / 2P
Positive and Negative enable function
logo
ON Semiconductor
NCP370 ONSEMI-NCP370_11 Datasheet
220Kb / 11P
Positive and Negative Overvoltage Protection
July, 2011 ??Rev. 6
logo
Analog Devices
ADP5072 AD-ADP5072 Datasheet
646Kb / 24P
1 A/0.6 A DC to DC Switching Regulator Independent Positive and Negative Outputs
1/2019-Revision 0
ADP5076 AD-ADP5076 Datasheet
715Kb / 23P
2 A/1.2 A DC-to-DC Switching Regulator with Independent Positive and Negative Outputs
12/2019-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com