Electronic Components Datasheet Search
  English  ▼

X  

ADP5070 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP5070
Description  Independent Positive and Negative Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5070 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP5070 Datasheet HTML 7Page - Analog Devices ADP5070 Datasheet HTML 8Page - Analog Devices ADP5070 Datasheet HTML 9Page - Analog Devices ADP5070 Datasheet HTML 10Page - Analog Devices ADP5070 Datasheet HTML 11Page - Analog Devices ADP5070 Datasheet HTML 12Page - Analog Devices ADP5070 Datasheet HTML 13Page - Analog Devices ADP5070 Datasheet HTML 14Page - Analog Devices ADP5070 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADP5071
Data Sheet
Rev. A | Page 10 of 27
100
0
20
40
60
80
0.001
0.01
0.1
1
LOAD (A)
TA = –40°C
TA = +25°C
TA = +125°C
Figure 16. Boost Regulator Efficiency over Temperature,
VIN = 5 V, VPOS = 15 V, fSW = 1.2 MHz
0.5
–0.5
–0.3
–0.1
0.1
0.3
0
10
5
15
20
VIN (V)
VOUT ACCURACY
VFB1 ACCURACY
Figure 17. Boost Regulator Line Regulation, VPOS = 15 V,
fSW = 1.2 MHz, 15 mA Load, TA = 25°C
0.5
–0.5
–0.3
–0.1
0.1
0.3
0
0.2
0.1
0.3
0.5
0.4
LOAD (A)
1.2MHz
2.4MHz
Figure 18. Boost Regulator Load Regulation, VIN = 5 V, VPOS = 15 V
100
0
20
40
60
80
0.001
0.01
0.1
1
LOAD (A)
TA = –40°C
TA = +25°C
TA = +125°C
Figure 19. Inverting Regulator Efficiency over Temperature,
VIN = 5 V, VNEG = −15 V, fSW = 1.2 MHz
0.5
–0.5
–0.3
–0.1
0.1
0.3
0
10
5
15
20
VIN (V)
VOUT ACCURACY
VREF ACCURACY
VFB2 ACCURACY
Figure 20. Inverting Regulator Line Regulation, VNEG = −15 V,
fSW = 1.2 MHz, 15 mA Load, TA = 25°C
0.5
–0.5
–0.3
–0.1
0.1
0.3
0
0.05
0.15
0.10
LOAD (A)
1.2MHz
2.4MHz
Figure 21. Inverting Regulator Load Regulation, VIN = 5 V, VNEG = −15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com