| Electronic Components Datasheet Search |
|
ADP5070 Datasheet(PDF) 27 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5070 Datasheet(HTML) 27 Page - Analog Devices |
|
27 / 28 page ![]() ADP5071 Data Sheet Rev. A | Page 26 of 27 LAYOUT CONSIDERATIONS Layout is important for all switching regulators but is particularly important for regulators with high switching frequencies. To achieve high efficiency, good regulation, good stability, and low noise, a well-designed PCB layout is required. Follow these guidelines when designing PCBs: • Keep the input bypass capacitor, CIN1, close to the PVIN1 pin, the PVIN2 pin, and the PVINSYS pin. Route each of these pins individually to the pad of this capacitor to minimize noise coupling between the power inputs rather than connecting the three pins at the device. A separate capacitor can be used on the PVINSYS pin for the best noise performance. • Keep the high current paths as short as possible. These paths include the connections between CIN1, L1, L2, D1, D2, COUT1, COUT2, and PGND and their connections to the ADP5071. • Keep AGND and PGND separate on the top layer of the board. This separation avoids pollution of AGND with switching noise. Do not connect PGND to the EPAD on the top layer of the layout. Connect both AGND and PGND to the board ground plane with vias. Ideally, connect PGND to the plane at a point between the input and output capacitors. Connect the EPAD on its own to this ground layer with vias and connect AGND as near to the pin as possible between the CVREF and CVREG capacitors. • Keep high current traces as short and wide as possible to minimize parasitic series inductance, which causes spiking and electromagnetic interference (EMI). • Avoid routing high impedance traces near any node con- nected to the SW1 and SW2 pins or near Inductors L1and L2 to prevent radiated switching noise injection. • Place the feedback resistors as close to the FB1 and FB2 pins as possible to prevent high frequency switching noise injection. • Place the top of the upper feedback resistors, RFT1 and RFT2, or route traces to them from as close as possible to the top of COUT1 and COUT2 for optimum output voltage sensing. • Place the compensation components as close as possible to COMP1 and COMP2. Do not share vias to the ground plane with the feedback resistors to avoid coupling high frequency noise into the sensitive COMP1 and COMP2 pins. • Place the CVREF and CVREG capacitors as close to the VREG and VREF pins as possible. Ensure that short traces are used between VREF and RFB2. Figure 50. Suggested LFCSP Layout; Vias Connected to the PCB Ground Plane, Not to Scale Figure 51. Suggested TSSOP Layout; Vias Connected to the PCB Ground Plane, Not to Scale |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |