Electronic Components Datasheet Search
  English  ▼

X  

PS30 Datasheet(PDF) 8 Page - Copal Electronics

Part # PS30
Description  DISPLAY TYPE PRESSURE SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS30 Datasheet(HTML) 8 Page - Copal Electronics

  PS30 Datasheet HTML 1Page - Copal Electronics PS30 Datasheet HTML 2Page - Copal Electronics PS30 Datasheet HTML 3Page - Copal Electronics PS30 Datasheet HTML 4Page - Copal Electronics PS30 Datasheet HTML 5Page - Copal Electronics PS30 Datasheet HTML 6Page - Copal Electronics PS30 Datasheet HTML 7Page - Copal Electronics PS30 Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Warranty
Angled Brackets(sold separately)
Panel holder set・Holder cover(sold separately)
This product can be covered by one-year warranty. COPAL ELECTRONICS warrants that any part of the product which proves to be defective due to the design
and/or manufacturing of COPAL ELECTRONICS within one year from the date of delivery will be repaired or replaced, free of charge. Note that the warranty
will only be applied to the product alone, not to damages induced by any failure of the product.
The warranty will not be applied in any of the following cases:
 ①Failure and damage caused by improper use not conforming to the instruction manual or negligent handling.
 ②Failure and damage caused by inappropriate modification, adjustment or repair.
 ③Failure and damage caused by natural disaster, fire or other act of God.
Model Numbers
(□42.6)
□40.0
(5.7)
4.5
23.5
Switch output type
N: NPN open collector
P: PNP open collector
Pressure range
102:−100∼100kPa
103:−0.1MPa∼1.00MPa
PS30 − 102 R − N
2−φ3.5
φ4.2×5.2
Elliptical hole
φ4.2×5.2Elliptical hole
φ4.2
20
30
18
Material:Spcc(black chromate)
t=1.6
20
20
30
2−φ3.5
φ4.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com