Electronic Components Datasheet Search
  English  ▼

X  

PS30 Datasheet(PDF) 6 Page - Copal Electronics

Part # PS30
Description  DISPLAY TYPE PRESSURE SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS30 Datasheet(HTML) 6 Page - Copal Electronics

  PS30 Datasheet HTML 1Page - Copal Electronics PS30 Datasheet HTML 2Page - Copal Electronics PS30 Datasheet HTML 3Page - Copal Electronics PS30 Datasheet HTML 4Page - Copal Electronics PS30 Datasheet HTML 5Page - Copal Electronics PS30 Datasheet HTML 6Page - Copal Electronics PS30 Datasheet HTML 7Page - Copal Electronics PS30 Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Adjusting zero point
Exiting zero point adjustment
Zero Point Adjustment
Adjust the pressure indication at the time of pressure release in the pressure port to "zero".
Piping
Piping and Installation
Hold the base section of the main body to connect a commercially available fitting(M5 male screw)to the main body. Tighten with a torque of 1.0 N・m or less.
(Note)Do not apply any force on the cover section of the main body during tightening. The switch unit may break.
Back mounting screws
The main body can be secured to the panel by using the mounting screw holes located on the back(2−M3, effective depth: 6mm). To install, hold the unit on
the base section when tightening the screws. Use a tightening torque of 0.3 N・m or less.
(Note)Do not apply any force on the cover section of the main body during tightening. The switch unit may break.
Angled Brackets(Option)
Port Block (sold separately)
If using the port block(sold separately), put the O-ring(P8)in the O-ring groove located on the
back of the main body as shown in the figure below, and install the port block by two M3×10 male
screws. When installing, hold the base section of the main body, then tighten the male screws.
Use a tightening torque of 0.3 N・m or less.
When connect a fitting to the port block, wind sealing tape around the pipe to prevent air leakage.
The other pressure port which are not to be used should be stopped up with the sealing screw
provided. In this case, wind sealing tape around the screws before using. Any firstly tighten the screws using
fingers to avoid damage to the screw threads. Finally,tighten firmly with a wrench.(Recommended torque:3.0N・m)
For piping work, secure the port block using a 12mm wrench. Use a tightening torque of 10.0 N・m or less.
(Note)Do not apply any force to the cover section of the main body during tightening. The switch unit may break.
If using the angled bracket for wall attachment(sold separately)or the angle bracket for floor attachment(sold separately),install the angled bracket by two M3×4
male screws as shown in the figure below.
If using the angled bracket and the port block, install both the angled bracket and the port block by two M3×10 male screws.
When installing, hold the base section of the main body, then tighten the male screws. Use a tightening torque of 0.3N・m or less.
(Note)Do not apply any force to the cover section of the main body during tightening.The switch unit may break.
Release the applied pressure in the pressure port
(i.e., let the pressure port be opened to the atmosphere).
Press the    and   buttons simultaneously in Operations Mode.
The value     will blink when you enter the zero point adjustment phase.
▼
▲
PS30
SW1
kPa
SW2
M
With the value     flashing, release   and
   buttons simultaneously.
One second later zero point adjustment will be made
and you will return to Operations Mode.
▼
▲
If pressure is applied during zero point adjustment,
     will be displayed.
Press the   button more than one second to reset
the     display.
Release the applied pressure on the pressure port
(opened to the atmosphere),then perform zero point
adjustment again.
PS30
SW1
kPa
SW2
PS30
SW1
kPa
SW2
Main body(PS30)
O-ring(P8)
Port block
M3×10
male screw
(two pieces)
Main body(PS30)
Main body(PS30)
Angled bracket
for wall attachment
Angled bracket
for floor attachment
M3×4
male screw
(two pieces)
M3×4
male screw
(two pieces)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com