Electronic Components Datasheet Search
  English  ▼

X  

PS30 Datasheet(PDF) 3 Page - Copal Electronics

Part # PS30
Description  DISPLAY TYPE PRESSURE SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS30 Datasheet(HTML) 3 Page - Copal Electronics

  PS30 Datasheet HTML 1Page - Copal Electronics PS30 Datasheet HTML 2Page - Copal Electronics PS30 Datasheet HTML 3Page - Copal Electronics PS30 Datasheet HTML 4Page - Copal Electronics PS30 Datasheet HTML 5Page - Copal Electronics PS30 Datasheet HTML 6Page - Copal Electronics PS30 Datasheet HTML 7Page - Copal Electronics PS30 Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Functions
3
Error Messages
●You can select switch working mode from the options shown in the table below.
(Note 1)In the Separate Mode, SW1 and SW2 work separately.
(Note 2)In the Window Comparator Mode, the minimum value for SW1 and SW2 corresponds to Setting 1 and the maximum value to Setting 2.
※For how to set the switch output, see the description of the initial setting mode.
●When you do not operate any buttons for about 10 seconds, the system will automatically select non-display mode
 and the LED indicator section will go off. Pressing any key willcause the LED indicator section to come on back again.
(Note 1)The decimal point shown in the figure on the right blinks during non-display mode.
(Note 2)Switch outputs and switch LEDs are operable even during non-display mode.
(Note 3)No error messages will appear during non-display mode.
※For how to select non-display mode, see the description of the initial setting mode.
●Two different digital filters (25ms and 250ms) are available.
 The digital filters are useful when it is hard to take readings due to too great fluctuations in pressure.
(Note 1)Any selected digital filter will be reflected on the pressure display and switch action.
※ For how to set the digital filter, see the description of the pressure setting mode.
■ If the following error messages are displayed, follow the procedures in the table:
Switch working mode
Digital filter
Conversion factor
Non-display mode
(Note 1)No error messages will be shown when non-display mode is selected.
(Note 2)When the applied pressure exceeds 110% of rated pressure, the display indicateflashingor −L− or −H− .
    This displayed value is not accurate value, please use within the rated pressure range.
●You can select a conversion factor from the options shown in the table on the right.
(Note 1)Slashed box: No factors options are available due to inappropriate resolution
     and the number of digits for display.
※For how to set the conversion factor, see the description of the initial setting mode.
Error message
Problem
Solution
Overload current.(Brinking of SW1 or SW2 indicates
excessive current on SW1 or SW2.)
Applied pressure is higher than the maximum value
of the pressure display range.
Pressure detected when adjusting the zero point.
Examination by Nidec Copal Electronics is required.
Pressure value exceeds 110% of the rating.(This error examples
when the pressure more than 111kpa is applied to the 102R modele.)
Applied pressure is higher than the maximum value
of the pressure display range.
Check the applied pressure.
Check the applied pressure.
Check the applied pressure.
Press the   button and reset the    display. Release the applied pressure
in the pressure port (opened to the atmosphere) and adjust the zero point again.
Telephone the nearest office or Sensor Department of Nidec
Copal Electronics Corp.
Disconnect the power, then check the load condition.
M
PS30
SW1
kPa
SW2
Number
selected
Pressure range
102R
Factor
×1
×0.75
×0.01
×0.145
Display range
-100∼100
-75∼75
-1.00∼1.00
-14.5∼14.5
Factor
×1
×10
×145
Display range
-0.10∼1.00
-1.0∼10.0
-14∼145
103R
Output
Mode
Operation
SW1
Separate
H
○
○
L
○
○
A
○
○
B
○
○
H
○
○
L
○
○
A
○
○
B
○
○
Window Comparator
Note 1
Setting 1
Note 2
Minimum: Setting 1
Maximum: Setting 2
Minimum: Setting 1
Maximum: Setting 2
Note 1
Setting 2
Note 2
Separate Window Comparator
SW2
There are four operation modes. There are shown in the diagrams below.
Separate Mode
P1: Setting 1, P2: Setting 2, H: Hysteresis
Window Comparator Mode
(HI operation)
OFF
ON
-Pr
Pr
H
H
P1:SW1
P2:SW2
ON
OFF
-Pr
Pr
H
H
P1:SW1
P2:SW2
(LO operation)
(A operation)
OFF
ON
ON
-Pr
Pr
H
H
P1
P2
P1
P2
(B operation)
OFF
OFF
ON
-Pr
Pr
H
H
P1≦P2 or P1≧P2
P1≦P2−2H



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com