Electronic Components Datasheet Search
  English  ▼

X  

LM1893N Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1893N
Description  LM1893/LM2893 Carrier-Current Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1893N Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM1893N Datasheet HTML 12Page - National Semiconductor (TI) LM1893N Datasheet HTML 13Page - National Semiconductor (TI) LM1893N Datasheet HTML 14Page - National Semiconductor (TI) LM1893N Datasheet HTML 15Page - National Semiconductor (TI) LM1893N Datasheet HTML 16Page - National Semiconductor (TI) LM1893N Datasheet HTML 17Page - National Semiconductor (TI) LM1893N Datasheet HTML 18Page - National Semiconductor (TI) LM1893N Datasheet HTML 19Page - National Semiconductor (TI) LM1893N Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Power Line Impedance (Continued)
TLH6750 – 29
TLH6750 – 30
TLH6750 – 31
FIGURE 27 Complex-plane plots of measured 115V 60 Hz line impedance where ZL e RL a jXL
Power Line Attenuation
The wiring in most US buildings is a flat 3 conductor cable
called Amerflex BX or Romex All referenced line imped-
ances refer to hot-to-neutral impedances with a grounded
center conductor The cable has a 100 X characteristic im-
pedance a 125 kHz quarter-wavelength of 600 m (250 m at
300 kHz) and a measured 7 dB attenuation for a 50 m run
with a 10 X termination Generally line loads may be treat-
ed as lumped impedances Instrument line cords exhibit
about 07 mH and 30 pF per meter
Limited tests of CCT link range using this chip show exten-
sive coverage while remaining on one phase of a distribu-
tion transformer (100’s of m) with link failure often occuring
across transformer phases or through transformers unless
coupling networks are utilized Total line attenuation allowed
from full signal to limiting sensitivity is more than 70 dB
Typically signal is coupled across transformer phases by
parasitic winding capacitance typically giving 40 dB attenu-
ation between phased 115 V windings Coupling capacitors
may be installed for improved link operation across phases
Power factor correcting capacitor banks on industrial lines
or filter capacitors across the power lines of some electronic
gear short carrier signal and should be isolated with induc-
tors Increasing range is sometimes accomplished by elect-
ing to install the isolating inductors (
Figure 28 ) and coupling
capacitors as well as by electing to use the boost option
Frequency translating or time division multiplexed repeaters
will also increase range
TLH6750 – 40
FIGURE 28 An isolation network to prevent 1) noise
from some device from polluting the AC line and 2) to
stop some low impedance device (measured at Fo)
from shorting carrier signal Component values given
as an example for Foe125 kHz on
residential power lines
The Coupling Transformer
The design arrived at for T1 is the result of an unhappy
compromise - but a workable one The goals of 1) building
T1 with a stable resonant frequency FQ that is little affect-
ed by the de-tuning effect of the line impedance ZL and of
2) building a tightly line-coupled transformer for transmitted
carrier with loose coupling for transients are somewhat mu-
tually exclusive The tradeoffs are exposed in the following
example for the CCT designer attempting a new boost-ca-
pable or different core transformer design
The compromises are eased by separating the TX output
and RX input in the LM2893 An untuned TX coupling trans-
former with only core coupling (not air-coupled solenoid
windings) would employ a high permeability high magnetic
field low loss square saturating toroidal core The reso-
nant RX path would be isolated from line-pull problems by a
unilateral amplifier that operates at line voltages with much
more than 110 dB of dynamic range or by a capacitively
coupled pulse transformer driving a unilateral amplifier and
filter for increased selectivity See the LM2893-specific ap-
plications section
For a LM1893-style transformer application first choose
the turns ratio N based on an estimated lowest ZL likely
encountered ZLN Figure 29 shows graphically how N af-
fects line signal N should be as large as possible to drive
ZLN with full signal If T1 has an unloaded Q QU of well less
than 35 a guess of N somewhat high should be used and
later checked for accuracy The recommended transformers
have secondary taps giving a choice of Ne707 10 and
141 (nominally) for driving ZLN’s of 14 70 and 35 X re-
spectively (at TJ e 25 C Vae 18V and QU e 35)
The resonating inductance of the tuned primary L1 is
sought Note that while standard transformer design gives a
transformer self-inductance with an impedance at operating
frequency well above load impedance the tuned transform-
er requires a low L1 for adequate QU and minimum line pull
Result relatively poor mutual coupling
L1 e
R
2qFOQ
(3)
It is known that resonant frequency FQ e FO and some
minimum bandwidth or maximum Q will be required to pass
signal under full load conditions
L1 e
RQ
ll lZLNl
2q FOQL
(4)
lZLNl is the reflected ZLN QL is the loaded Q and parallel
resistance RQ models all transformer losses and sets QO
RQ
ll lZLNl is found knowing that it absorbs full rated power
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com