Electronic Components Datasheet Search
  English  ▼

X  

LM1893N Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1893N
Description  LM1893/LM2893 Carrier-Current Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1893N Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM1893N Datasheet HTML 14Page - National Semiconductor (TI) LM1893N Datasheet HTML 15Page - National Semiconductor (TI) LM1893N Datasheet HTML 16Page - National Semiconductor (TI) LM1893N Datasheet HTML 17Page - National Semiconductor (TI) LM1893N Datasheet HTML 18Page - National Semiconductor (TI) LM1893N Datasheet HTML 19Page - National Semiconductor (TI) LM1893N Datasheet HTML 20Page - National Semiconductor (TI) LM1893N Datasheet HTML 21Page - National Semiconductor (TI) LM1893N Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
TLH6750 – 33
FIGURE 30 A simple carrier amplitude detector with output low when carrier is detected
TLH6750 – 34
FIGURE 31 A simple linear analog audio transmitter and receiver are shown
The carrier and 16V inputs are derived from the carrier detector of
Figure 30
The remaining 2 LM339 comparators may be used to build the carrier detector circuit
Communication and System
Protocols (Continued)
sion in a system Its first purpose is to put data in a base-
band digital form that is more easily recognized as a real
message at the receive end Secondly it incorporates en-
coding techniques to ensure that noise induced errors do
not easily occur and when they do they can always be
detected Lastly the software algorithms that are used on
the receive end to decode incoming data prevent the recep-
tion of noise induced ‘‘phantom’’ messages and insure the
recovery of real messages from an incoming bit stream that
has been altered by noise
2
System protocol the manner in which messages are co-
ordinated between nodes in a system Its first purpose is to
ensure message retransmission to correct errors (hand-
shake) Secondly it coordinates messages for maximum uti-
lization and efficiency on the network Lastly it ensures that
messages do not collide on the network Common system
protocols include master-slave carrier detect multiple ac-
cess and token passing Token passing and master slave
have been found to be the most useful since they are inher-
ently collision free
Both protocols usually reside as software in a single micro-
controller that is connected to the LM18932893 IO In any
case some sort of intelligence is needed to process incom-
ing and outgoing messages UARTs have no usefulness in
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com