Electronic Components Datasheet Search
  English  ▼

X  

LM1893N Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1893N
Description  LM1893/LM2893 Carrier-Current Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1893N Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM1893N Datasheet HTML 13Page - National Semiconductor (TI) LM1893N Datasheet HTML 14Page - National Semiconductor (TI) LM1893N Datasheet HTML 15Page - National Semiconductor (TI) LM1893N Datasheet HTML 16Page - National Semiconductor (TI) LM1893N Datasheet HTML 17Page - National Semiconductor (TI) LM1893N Datasheet HTML 18Page - National Semiconductor (TI) LM1893N Datasheet HTML 19Page - National Semiconductor (TI) LM1893N Datasheet HTML 20Page - National Semiconductor (TI) LM1893N Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
The Coupling Transformer (Continued)
TLH6750 – 32
FIGURE 29 Impressed line voltage for a given ZL
for each of the 3 taps available
on the recommended transformers
POeIOVOe
IOPP
2
02
2(bVALCaVa)
2
02
(e(b47aVa)IO
4
(5)
where IO is in amps peak-to-peak at an elevated TJ
PO e
(18 b 47) 006
4
e
0200 W
(6)
RQ
ll lZLNl e
VO2
PO
e
(bVALC a Va)
02
IO
e
442 X
(7)
RQ is found using ZLN and the value for N found when as-
suming QU e 35
lZLNl e N2 ZLN e (707)2 139 e 695 X
(8)
RQ e
1
1
RQ
ll lZLNl
b
1
lZLNl
e
1
1
442
b
1
695
e
1210 X
(9)
RQS e
RQ
1 a QU2
e
1210
1 a 352
e
1 X
(10)
Only QL remains to be found to calculate L1 QL is related to
the b3 dB (half-power) bandwidth by
QL e
1
BW (% of FO)
(11)
An iterative solution is forced where line pull DFQ must be
guessed to find QL and L1 L1 is then used to check the line
pull guess a large error requires a new guess Try a BW of
87% - that is 44% for deviation 1% for TC of FO and
33% for DFQ - giving QL e 115
L1 e
442
2q c 125 000 c 115
e
490 mH
(12)
Knowing the core inductance per turn L and L1 the num-
ber of turns is found
T1 e
0L1Le0490mH
20 nHT
e
49
turns
(13)
T is normally an integer but these transformers require so
few turns that half-turns are specified remembering that the
remaining
turn is completed on the PC board and is
loosely coupled
The secondary turns are calculated
T2 e
T1
N
e
495
707
e
700 e 7 turns
(15)
giving an L2 of 098 mH Note that the recommended 125
kHz transformer mirrors these specifications The resonat-
ing capacitor is
CQ e
1
(2qFQ)2 L1
e
331 c 10b9 e 33 nF
(16)
Line pull DFQ was calculated (reference 3) for a ZL magni-
tude of 14X and up with any phase angle from b90 to 90
D
FQ was 64% - well above the 33% estimate Referring to
(11) an 118% bandwidth is required forcing L1 to be re-
duced to reduce Q That fix was not implemented some
signal attenuation under worst-case drift and DFQ is al-
lowed L1 is already so small that the 31 gauge winding
conducts a
ARMS circulating current
Line Carrier Detection
While the addition of a carrier detection circuit (for a mute or
squelch function) will only decrease receiver ultimate sensi-
tivity there is sometimes good reason to employ it to free
the controller from watching for RX signal when no carrier is
incoming or to employ it to reduce the probability of line
collisions (when multiple transmitters operate simultaneous-
ly to cause one or more transmissions to fail) Unless the
detector is heavily filtered or uses a high carrier amplitude
threshold there will be false outputs that force the controller
to have Data Out data checking capability just as is required
when using no carrier detector If false triggering is mini-
mized the probability of line collisions is increased due to
the inability to sense low carrier amplitudes and because of
sense delay The property of the LM1893 to change output
state infrequently (although the polarity is undefined) when
in the RX mode with no incoming carrier reduces the desire
to implement carrier detection and preserves the full ulti-
mate sensitivity Also many impulse-noise insensitive trans-
mission schemes like handshaking are easily modified to
recover from line collisions
Regarding this it should be stated that for very complicated
industrial systems with long signal runs and high line noise
levels it is probably wise to use a protocol which is inherent-
ly collision free so that no carrier detect hardware or soft-
ware is needed A token passing protocol is an example of
such a system
Figure 30 shows a low cost carrier amplitude detection cir-
cuit
Audio Transmission
The LM1893 is designed to allow analog data transmission
and reception
Base-band audio-bandwidth signals FM
modulate the carrier passing through the tuned transformer
(placing a limit on the usable percent modulation) onto the
power line to be linearly demodulated by the receiver PLL
Because the receiver data path beyond the phase detector
will pass only digital signal external audio filtering and am-
plification is required
Figure 31 shows a simple audio trans-
mitter and receiver circuit utilizing a carrier detection mute
circuit A single LM339 quad comparator may be used to
build the carrier detect and mute Filter bandwidth is held to
a minimum to minimize noise especially line-related corre-
lated noise
Communication and System
Protocols
The development of communication and system protocols
has historically been the single most time consuming ele-
ment in design of carrier current systems The protocols are
defined as the following
1
Communication protocol a software method of encoding
and decoding data that remains constant for every transmis-
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com