Electronic Components Datasheet Search
  English  ▼

X  

ML7041 Datasheet(PDF) 1 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7041
Description  Audio CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7041 Datasheet(HTML) 1 Page - LAPIS Semiconductor Co., Ltd.

  ML7041 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
FEDL7041-05
Issue Date: Dec. 3, 2007
ML7041
Audio CODEC
1/28
GENERAL DESCRIPTION
The ML7041 is a single-channel full duplex CODEC LSI device which performs mutual transcoding between the
analog voice band signals ranging from 300 to 3400 Hz and the 64 kbps PCM serial data.
Provided with such functions as DTMF Tone generation, transmit/receive data gain control, side-tone path, and
low-dropout regulator, the ML7041 is best suited for telephone terminals in digital wireless systems.
FEATURES
 Single 3 V power supply
VDD: 2.4 to 3.3 V
 Coding format: PCM -law/PCM A-law/14-bit linear mode selectable
 PCM interface timing: Long frame synchronous timing/short frame synchronous timing selectable
 Transmit/receive full-duplex operation
 Serial PCM transmission data rate:
64 to 2048 kbps
 Low power consumption
Operating mode:
15 mW typ. (VDD = 3.0 V)
Power-down mode:
3
W typ. (VDD = 3.0 V)
 Master clock frequency:
2.048 MHz (compatible with PCM shift clock)
 Analog output stage
100 mW (differential type) amplifier output for driving receiver speaker:
Capable of driving an 8
 load.
6.6 mW (single type) amplifier output for driving earphones speaker:
Capable of driving a 32
 load.
 Built-in two low-dropout regulators (150 mA  2)
 Built-in four general purpose drivers (150 mA  4)
 Transmit/receive mute, transmit/receive programmable gain control
 Built-in side tone path
 Built-in DTMF tone generator
 Transmit slope filter selectable
 I2C bus interface (MCU interface)
 Built-in transmit voice signal detector
 Package: 48-pin plastic TQFP (TQFP48-P-0707-0.50-K) (ML7041 TB)


Similar Part No. - ML7041

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7041 OKI-ML7041 Datasheet
236Kb / 28P
single-channel full duplex CODEC LSI device which performs mutual transcoding between the analog voice band signals ranging from 300 to 3400 Hz and th
logo
List of Unclassifed Man...
ML7041 ETC2-ML7041 Datasheet
381Kb / 28P
Audio CODEC Single 3 V power supply Transmit/receive full-duplex operation
logo
OKI electronic componet...
ML7041TB OKI-ML7041TB Datasheet
236Kb / 28P
single-channel full duplex CODEC LSI device which performs mutual transcoding between the analog voice band signals ranging from 300 to 3400 Hz and th
More results

Similar Description - ML7041

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1342TS PHILIPS-UDA1342TS Datasheet
180Kb / 44P
Audio CODEC
2000 Mar 29
logo
OKI electronic componet...
MSM7732-01 OKI-MSM7732-01 Datasheet
302Kb / 29P
Audio CODEC
logo
Gennum Corporation
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
Embedded Audio CODEC
logo
STMicroelectronics
AN3225 STMICROELECTRONICS-AN3225 Datasheet
263Kb / 13P
Audio software codec
06-Nov-2012
logo
Texas Instruments
PCM3070 TI1-PCM3070_14 Datasheet
1Mb / 49P
Stereo Audio Codec
PCM3168A TI1-PCM3168A Datasheet
2Mb / 66P
Audio Codec
TLC320AD90C TI1-TLC320AD90C Datasheet
232Kb / 51P
Stereo Audio Codec
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
STEREO AUDIO CODEC
logo
Analog Devices
ADAU1361 AD-ADAU1361 Datasheet
1Mb / 80P
Audio Codec
8/2018-Rev. C to Rev. D
ADAU1761 AD-ADAU1761_18 Datasheet
1Mb / 93P
Audio Codec
7/2018-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com