Electronic Components Datasheet Search
  English  ▼

X  

ML7041 Datasheet(PDF) 23 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7041
Description  Audio CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7041 Datasheet(HTML) 23 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7041 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
FEDL7041-05
ML7041
23/28
CR4 (Tone generator operating mode and frequency select)
B7
B6
B5
B4
B3
B2
B1
B0
CR4
DTMF/
Others SEL
TONE
SEND
—
TONE4
TONE3
TONE2
TONE1
TONE0
Initial Value
0
0
0
0
0
0
0
0
B7 ............................DTMF or other tones select
0: Others
1: DTMF
B6 ............................Tone transmit enable (Transmit side) 0: Voice signal transmit 1: Tone transmit
B5 ............................Not used. When writing data, write “0”.
B4, B3, B2, B1, B0 ..Tone frequency setting (refer to Tables 5-1 and 5-2)
(a) B7 = 1 (DTMF tone)
Table 5-1 Tone Generator Frequency Settings
B4
B3
B2
B1
B0
Frequency
B4
B3
B2
B1
B0
Frequency
*
0
0
0
0
697 Hz + 1209 Hz
*
1
0
0
0
852 Hz + 1209 Hz
*
0
0
0
1
697 Hz + 1336 Hz
*
1
0
0
1
852 Hz + 1336 Hz
*
0
0
1
0
697 Hz + 1477 Hz
*
1
0
1
0
852 Hz + 1477 Hz
*
0
0
1
1
697 Hz + 1633 Hz
*
1
0
1
1
852 Hz + 1633 Hz
*
0
1
0
0
770 Hz + 1209 Hz
*
1
0
0
0
941 Hz + 1209 Hz
*
0
1
0
1
770 Hz + 1336 Hz
*
1
1
0
1
941 Hz + 1336 Hz
*
0
1
1
0
770 Hz + 1477 Hz
*
1
1
1
0
941 Hz + 1477 Hz
*
0
1
1
1
770 Hz + 1633 Hz
*
1
1
1
1
941 Hz + 1633 Hz
*Undefined
(b) B7 = 0 (Other tones)
Table 5-2 Tone Generator Frequency Settings
B4
B3
B2
B1
B0
Frequency
B4
B3
B2
B1
B0
Frequency
0
0
0
0
0
2730 Hz/2500 Hz
8 Hz wamb.
1
0
0
0
0
1200 Hz
0
0
0
0
1
2000 Hz/2667 Hz
8 Hz wamb.
1
0
0
0
1
1300 Hz
0
0
0
1
0
1000 Hz/1333 Hz
8 Hz wamb.
100
10
0
0
0
1
1
—
1
0
0
1
1
1477 Hz
0
0
1
0
0
—
1
0
1
0
0
1633 Hz
0
0
1
0
1
—
1
0
1
0
1
2000 Hz
0
0
1
1
0
—
1
0
1
1
0
2100 Hz
0
0
1
1
1
—
1
0
1
1
1
0
1
0
0
0
—
1
1
0
0
0
2400 Hz
0
1
0
0
1
400 Hz
1
1
0
0
1
0
1
0
1
0
440 Hz
1
1
0
1
0
2500 Hz
0
1
0
1
1
480 Hz
1
1
0
1
1
0
1
1
0
0
—
1
1
1
0
0
0
1
1
0
1
667 Hz
1
1
1
0
1
2700 Hz
0
1
1
1
0
800 Hz
1
1
1
1
0
0
1
1
1
1
1000 Hz
1
1
1
1
1
3000 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com