Electronic Components Datasheet Search
  English  ▼

X  

ML7041 Datasheet(PDF) 22 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7041
Description  Audio CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7041 Datasheet(HTML) 22 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7041 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
FEDL7041-05
ML7041
22/28
CR3 (Side tone and other tone generator gain setting)
B7
B6
B5
B4
B3
B2
B1
B0
CR3
SIDE TONE
GAIN2
SIDE TONE
GAIN1
SIDE TONE
GAIN0
TONE
ON/OFF
TONE
GAIN3
TONE
GAIN2
TONE
GAIN1
TONE
GAIN0
Initial Value
0
0
0
0
0
0
0
0
B7, B6, B5 ..........Side tone path gain setting (refer to Table 3)
B4 .......................Tone generator ON/OFF 0: OFF 1: ON
B3, B2, B1, B0....Tone generator gain adjustment for receive side (refer to Table 4)
Table 3 Side Tone Gain Settings
B7
B6
B5
Side Tone Path Gain
0
0
0
OFF
0
0
1
–15 dB
0
1
0
–13 dB
0
1
1
–11 dB
1
0
0
–9 dB
1
0
1
–7 dB
1
1
0
–5 dB
1
1
1
–3 dB
Table 4 Receive Side Tone Generator Gain Settings
B3
B2
B1
B0
Tone Generator Gain
B3
B2
B1
B0
Tone Generator Gain
0
0
0
0
OFF
1
0
0
0
–20 dB
0
0
0
1
–34 dB
1
0
0
1
–18 dB
0
0
1
0
–32 dB
1
0
1
0
–16 dB
0
0
1
1
–30 dB
1
0
1
1
–14 dB
0
1
0
0
–28 dB
1
1
0
0
–12 dB
0
1
0
1
–26 dB
1
1
0
1
–10 dB
0
1
1
0
–24 dB
1
1
1
0
–8 dB
0
1
1
1
–22 dB
1
1
1
1
–6 dB
The receive side tone generator gain settings shown in Table 4 are referenced to the following levels as
a reference.
DTMF tones (low group): .............................. +4 dBm0
DTMF tones (high group) and others tones: . +6 dBm0
For example, if the tone generator gain set value is set to –6 dB (B3, B2, B1, B0) = (1, 1, 1, 1), then
tones at the following levels are output at EXTO.
DTMF tone (low group): ................................ –2 dBm0
DTMF tone (high group) and other tones:..... 0 dBm0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com