Electronic Components Datasheet Search
  English  ▼

X  

CLC1003 Datasheet(PDF) 2 Page - Exar Corporation

Part # CLC1003
Description  Low Distortion, Low Offset, RRIO Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1003 Datasheet(HTML) 2 Page - Exar Corporation

  CLC1003 Datasheet HTML 1Page - Exar Corporation CLC1003 Datasheet HTML 2Page - Exar Corporation CLC1003 Datasheet HTML 3Page - Exar Corporation CLC1003 Datasheet HTML 4Page - Exar Corporation CLC1003 Datasheet HTML 5Page - Exar Corporation CLC1003 Datasheet HTML 6Page - Exar Corporation CLC1003 Datasheet HTML 7Page - Exar Corporation CLC1003 Datasheet HTML 8Page - Exar Corporation CLC1003 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
© 2007-2014 Exar Corporation
2 / 17
exar.com/CLC1003
Rev 1D
CLC1003
Absolute Maximum Ratings
Stresses beyond the limits listed below may cause
permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect
device reliability and lifetime.
VS ................................................................................. 0V to +14V
VIN ............................................................ -VS - 0.5V to +VS +0.5V
Operating Conditions
Supply Voltage Range ................................................. 2.5V to 12V
Operating Temperature Range ...............................-40°C to 125°C
Junction Temperature ........................................................... 150°C
Storage Temperature Range...................................-65°C to 150°C
Lead Temperature (Soldering, 10s) ......................................260°C
Package Thermal Resistance
θJA (TSOT-5).....................................................................215°C/W
θJA (SOIC-8).....................................................................150°C/W
Package thermal resistance (
θJA), JEDEC standard, multi-layer
test boards, still air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com