Electronic Components Datasheet Search
  English  ▼

X  

CLC1003 Datasheet(PDF) 1 Page - Exar Corporation

Part # CLC1003
Description  Low Distortion, Low Offset, RRIO Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1003 Datasheet(HTML) 1 Page - Exar Corporation

  CLC1003 Datasheet HTML 1Page - Exar Corporation CLC1003 Datasheet HTML 2Page - Exar Corporation CLC1003 Datasheet HTML 3Page - Exar Corporation CLC1003 Datasheet HTML 4Page - Exar Corporation CLC1003 Datasheet HTML 5Page - Exar Corporation CLC1003 Datasheet HTML 6Page - Exar Corporation CLC1003 Datasheet HTML 7Page - Exar Corporation CLC1003 Datasheet HTML 8Page - Exar Corporation CLC1003 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CLC1003
Low Distortion, Low Offset, RRIO Amplifier
© 2007-2014 Exar Corporation
1 / 17
exar.com/CLC1003
Rev 1D
FEATURES
■
■
1mV maximum input offset voltage
■
■
0.00005% THD at 1kHz
■
■
5.3nV/√Hz input voltage noise > 10kHz
■
■
-90dB/-85dB HD2/HD3 at 100kHz, RL = 100Ω
■
■
<-100dB HD2 and HD3 at 10kHz, RL = 1kΩ
■
■
Rail-to-rail input and output
■
■
55MHz unity gain bandwidth
■
■
12V/μs slew rate
■
■
+80mA, -55mA output current
■
■
-40°C to +125°C operating temperature
range
■
■
Fully specified at 3 and ±5V supplies
■
■
CLC1003: ROHS compliant TSOT-5,
SOIC-8 package options
APPLICATIONS
■
■
Active filters
■
■
Sensor interface
■
■
HIgh-speed transducer amp
■
■
Medical instrumentation
■
■
Probe equipment
■
■
Test equipment
■
■
Smoke detectors
■
■
Hand-held analytic instruments
■
■
Current sense applications
General Description
The CLC1003 is a single channel, high-performance, voltage feedback
amplifier with near precision performance, low input voltage noise, and
ultra low distortion. The CLC1003 offers 1mV maximum input offset voltage,
3.5nV/√Hz broadband input voltage noise, and 0.00005% THD at 1kHz.
These amplifiers also provide 55MHz gain bandwidth product and 12V/μs
slew rate making them well suited for applications requiring precision DC
performance and high AC performance. This high-performance amplifier
also offers a rail-to-rail input and output, simplifying single supply designs
and offering larger dynamic range possibilities. The inputs extend beyond
the rails by 500mV.
The CLC1003 is designed to operate from 2.5V to 12V supplies and
operate over the extended temperature range of -40°C to +125°.
Typical Application
+
–
CLC1003
lph_1
lph_2
lph_3
VCC
SPM
(Smart
Power
Module)
M
Current Sensing in 3-Phase Motor
THD vs. Frequency
-100
-95
-90
-85
-80
-75
-70
-65
100
200
300
400
500
600
700
800
900
1000
Frequency (kHz)
VOUT = 1Vpp
RL = 1K
AV+1
Ordering Information - back page


Similar Part No. - CLC1003

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1003 CADEKA-CLC1003 Datasheet
1Mb / 16P
Low Distortion, Low Offset, RRIO Amplifier
CLC1003ASO8 CADEKA-CLC1003ASO8 Datasheet
1Mb / 16P
Low Distortion, Low Offset, RRIO Amplifier
CLC1003ASO8X CADEKA-CLC1003ASO8X Datasheet
1Mb / 16P
Low Distortion, Low Offset, RRIO Amplifier
CLC1003AST5X CADEKA-CLC1003AST5X Datasheet
1Mb / 16P
Low Distortion, Low Offset, RRIO Amplifier
CLC1003ISO8 CADEKA-CLC1003ISO8 Datasheet
1Mb / 16P
Low Distortion, Low Offset, RRIO Amplifier
More results

Similar Description - CLC1003

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163 Datasheet
250Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
National Semiconductor ...
OP-07 NSC-OP-07 Datasheet
124Kb / 6P
Low Offset, Low Drift Operational Amplifier
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163_06 Datasheet
249Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
List of Unclassifed Man...
AMP771 ETC2-AMP771 Datasheet
65Kb / 2P
Low Offset RRO Operational Amplifier
logo
Cadeka Microcircuits LL...
CLC1003 CADEKA-CLC1003 Datasheet
1Mb / 16P
Low Distortion, Low Offset, RRIO Amplifier
logo
Texas Instruments
OP-07 TI1-OP-07 Datasheet
373Kb / 8P
Low Offset, Low Drift Operational Amplifier
INA103AG TI1-INA103AG Datasheet
785Kb / 17P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
CLC2023 EXAR-CLC2023 Datasheet
1Mb / 18P
Dual, Low Distortion, Low Offset, RRIO Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com