Electronic Components Datasheet Search
  English  ▼

X  

PXFC211507SC Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # PXFC211507SC
Description  Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2110 ??2170 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PXFC211507SC Datasheet(HTML) 3 Page - Infineon Technologies AG

  PXFC211507SC Datasheet HTML 1Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 2Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 3Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 4Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 5Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 6Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 7Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 8Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Data Sheet
3 of 9
Rev. 02, 2015-03-03
PXFC211507SC
Typical Performance (data taken in a production test fixture)
0
8
16
24
32
40
48
56
14
15
16
17
18
19
20
21
29
33
37
41
45
49
53
Output Power (dBm)
Two-carrier WCDMA Drive-up
V
DD = 28 V, VGS = 2.6 V,
I
DQ = 960 mA, ƒ = 2140 MHz,
3GPP WCDMA signal, 8 dB PAR,
10 MHz carrier spacing, 3.84 MHz BW
Gain
Efficiency
c211507sc-gr1b
0
8
16
24
32
40
48
56
14
15
16
17
18
19
20
21
29
33
37
41
45
49
53
Output Power (dBm)
Two-carrier WCDMA Drive-up
V
DD = 28 V, VGS = 2.6 V,
I
DQ = 960 mA, ƒ = 2165 MHz
3GPP WCDMA signal, 8 dB PAR,
10 MHz carrier spacing, 3.84 MHz BW
Gain
Efficiency
c211507sc-gr1c
0
10
20
30
40
50
-65
-55
-45
-35
-25
-15
29
33
37
41
45
49
53
Output Power (dBm)
Two-carrier WCDMA Drive-up
V
DD = 28 V, VGS = 2.6 V,
I
DQ = 960 mA, ƒ = 2115 MHz
3GPP WCDMA signal: 8 dB PAR,
10 MHz carrier spacing, 3.84 MHz BW
IMD Low
IMD Up
ACPR
Efficiency
c211507sc-gr2a
0
10
20
30
40
50
-65
-55
-45
-35
-25
-15
29
33
37
41
45
49
53
Output Power (dBm)
Two-carrier WCDMA Drive-up
V
DD = 28 V, VGS = 2.6 V,
I
DQ = 960 mA, ƒ = 2140 MHz
3GPP WCDMA signal: 8 dB PAR,
10 MHz carrier spacing, 3.84 MHz BW
IMD Low
IMD Up
ACPR
Efficiency
c211507sc-gr2b



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com