Electronic Components Datasheet Search
  English  ▼

X  

PXFC211507SC Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # PXFC211507SC
Description  Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2110 ??2170 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PXFC211507SC Datasheet(HTML) 8 Page - Infineon Technologies AG

  PXFC211507SC Datasheet HTML 1Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 2Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 3Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 4Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 5Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 6Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 7Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 8Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PXFC211507SC
Data Sheet
8 of 9
Rev. 02, 2015-03-03
Find the latest and most complete information about products and packaging at the Infineon Internet page
http://www.infineon.com/rfpower
Package Outline Specifications
Package H-37248G-4/2 (formed leads)
Diagram Notes—unless otherwise specified:
1.
Interpret dimensions and tolerances per ASME Y14.5M-1994
2.
Primary dimensions are mm, alternate dimensions are inches
3.
All tolerances ± 0.127 [0.005]
4.
Pins: D – drain, G – gate, S – source (flange), V – supply voltage
5.
Lead thickness: 0.10 +0.051/–0.025 mm [.004 +.002/–.001 inch]
6.
Gold plating thickness: 1.14 ± 0.38 micron [45 ± 15 microinch]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com