Electronic Components Datasheet Search
  English  ▼

X  

PXFC211507SC Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # PXFC211507SC
Description  Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2110 ??2170 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PXFC211507SC Datasheet(HTML) 5 Page - Infineon Technologies AG

  PXFC211507SC Datasheet HTML 1Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 2Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 3Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 4Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 5Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 6Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 7Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 8Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Data Sheet
5 of 9
Rev. 02, 2015-03-03
PXFC211507SC
0
10
20
30
40
50
60
15
16
17
18
19
20
21
27
32
37
42
47
52
57
Output Power (dBm)
CW Performance at selected V
DD
I
DQ = 960 mA, ƒ = 2140 MHz
Gain
Efficiency
V
DD = 24 V
V
DD = 28 V
V
DD = 32 V
c211507sc-gr5b
0
10
20
30
40
50
60
15
16
17
18
19
20
21
27
32
37
42
47
52
57
Output Power (dBm)
CW Performance at selected V
DD
I
DQ = 960 mA, ƒ = 2165 MHz
Gain
Efficiency
V
DD = 24 V
V
DD = 28 V
V
DD = 32 V
c211507sc-gr5c
-12
-10
-8
-6
-4
13
15
17
19
21
1950
2050
2150
2250
2350
Frequency (MHz)
Small Signal CW Performance
V
DD = 28 V, IDQ = 960 mA
Gain
Input Return Loss
c211507sc-gr6
Typical Performance (cont.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com