Electronic Components Datasheet Search
  English  ▼

X  

74AS160 Datasheet(PDF) 7 Page - Texas Instruments

Part # 74AS160
Description  SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AS160 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 74AS160 Datasheet HTML 3Page - Texas Instruments 74AS160 Datasheet HTML 4Page - Texas Instruments 74AS160 Datasheet HTML 5Page - Texas Instruments 74AS160 Datasheet HTML 6Page - Texas Instruments 74AS160 Datasheet HTML 7Page - Texas Instruments 74AS160 Datasheet HTML 8Page - Texas Instruments 74AS160 Datasheet HTML 9Page - Texas Instruments 74AS160 Datasheet HTML 10Page - Texas Instruments 74AS160 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ns
Any Q
RCO
CLK
CLK
ENT
ns
ns
FROM
(INPUT)
TO
(OUTPUT)
RCO
ns
Any Q
RCO
CLK
CLK
ENT
ns
ns
FROM
(INPUT)
TO
(OUTPUT)
RCO
SN54ALS160B THRU SN54ALS163B
SN74ALS160B THRU SN74ALS163B
SYNCHRONOUS 4-BIT BINARY COUNTERS
SDAS024A – D2661, APRIL 1982 – REVISED MAY 1986
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
7
’ALS160B, ’ALS161B switching characteristics (see Note 1)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX
PARAMETER
SN54ALS160B
SN54ALS161B
SN74ALS160B
SN74ALS161B
UNIT
MIN
MAX
MIN
MAX
fmax
22
40
MHz
tPLH
5
34
5
20
tPHL
5
27
5
20
tPLH
4
19
4
15
tPHL
6
25
6
20
tPLH
3
18
3
13
tPHL
3
17
3
13
tPHL
CLR
Any Q
8
27
8
24
ns
tPHL
CLR
RCO
11
32
11
23
ns
’ALS162B, ’ALS163B switching characteristics (see Note 1)
PARAMETER
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX
UNIT
SN54ALS162B
SN54ALS163B
SN74ALS162B
SN74ALS163B
MIN
MAX
MIN
MAX
fmax
35
40
MHz
tPLH
5
25
5
20
tPHL
5
25
5
20
tPLH
4
18
4
15
tPHL
6
25
6
20
tPLH
3
16
3
13
tPHL
3
16
3
13
NOTE 1: Load circuit and voltage waveforms are shown in Section 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com