Electronic Components Datasheet Search
  English  ▼

X  

74AS160 Datasheet(PDF) 9 Page - Texas Instruments

Part # 74AS160
Description  SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AS160 Datasheet(HTML) 9 Page - Texas Instruments

Back Button 74AS160 Datasheet HTML 3Page - Texas Instruments 74AS160 Datasheet HTML 4Page - Texas Instruments 74AS160 Datasheet HTML 5Page - Texas Instruments 74AS160 Datasheet HTML 6Page - Texas Instruments 74AS160 Datasheet HTML 7Page - Texas Instruments 74AS160 Datasheet HTML 8Page - Texas Instruments 74AS160 Datasheet HTML 9Page - Texas Instruments 74AS160 Datasheet HTML 10Page - Texas Instruments 74AS160 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
RCO
ENT
ns
ns
CLK
Any Q
PARAMETER
UNIT
RCO
ENT
ns
ns
CLK
Any Q
FROM
(INPUT)
TO
(OUTPUT)
SN54AS160 THRU SN54AS163
SN74AS160 THRU SN74AS163
SYNCHRONOUS 4-BIT BINARY COUNTERS
SDAS024A – D2661, APRIL 1982 – REVISED MAY 1986
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
9
’AS160, ’AS161 switching characteristics (see Note 1)
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX
SN54AS160
SN54AS161
SN74AS160
SN74AS161
MIN
MAX
MIN
MAX
fmax
65
75
MHz
tPHL
RCO
2
14
2
12.5
tPLH
CLK
RCO (with LOAD high)
1
8.5
1
8
ns
tPLH
RCO (with LOAD low)
3
17.5
3
16.5
tPLH
1
7.5
1
7
tPHL
2
14
2
13
tPLH
1.5
10
1.5
9
tPHL
1
9.5
1
8.5
tPHL
CLR
Any Q
2
14
2
13
ns
tPHL
CLR
RCO
2
14
2
12.5
ns
’AS162, ’AS163 switching characteristics (see Note 1)
PARAMETER
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX
UNIT
SN54AS162
SN54AS163
SN74AS162
SN74AS163
MIN
MAX
MIN
MAX
fmax
65
75
MHz
tPHL
RCO
2
14
2
12.5
tPLH
CLK
RCO (with LOAD high)
1
8.5
1
8
ns
tPLH
RCO (with LOAD low)
3
17.5
3
16.5
tPLH
1
7.5
1
7
tPHL
2
14
2
13
tPLH
1.5
10
1.5
9
tPHL
1
9.5
1
8.5
NOTE 1: Load circuit and voltage waveforms are shown in Section 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com