Electronic Components Datasheet Search
  English  ▼

X  

MCP3918 Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP3918
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918 Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP3918 Datasheet HTML 30Page - Microchip Technology MCP3918 Datasheet HTML 31Page - Microchip Technology MCP3918 Datasheet HTML 32Page - Microchip Technology MCP3918 Datasheet HTML 33Page - Microchip Technology MCP3918 Datasheet HTML 34Page - Microchip Technology MCP3918 Datasheet HTML 35Page - Microchip Technology MCP3918 Datasheet HTML 36Page - Microchip Technology MCP3918 Datasheet HTML 37Page - Microchip Technology MCP3918 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
MCP3918
DS20005287A-page 34
 2014 Microchip Technology Inc.
5.4
SINC3 + SINC1 Filter
The decimation filter present in the MCP3918 is a
cascade of two sinc filters (SINC3 +SINC1): a
third-order sinc filter with a decimation ratio of OSR3,
followed by a first-order sinc filter with a decimation
ratio of OSR1 (moving average of OSR1 values).
Figure 5-3 represents the decimation filter architecture.
FIGURE 5-3:
MCP3918 Decimation Filter Block Diagram.
Equation 5-1 calculates the filter z-domain transfer
function.
EQUATION 5-1:
SINC FILTER TRANSFER
FUNCTION
Equation 5-2 calculates the settling time of the ADC as
a function of DMCLK periods.
EQUATION 5-2:
The SINC1 filter following the SINC3 filter is only
enabled for the high OSR settings. This SINC1 filter
provides additional rejection at a low cost with little
modification to the -3 dB bandwidth. The resolution
(number of significant bits) of the digital filter is 24-bit
maximum for any OSR and data format choice. The
resolution depends only on the OSR<2:0> settings in
the CONFIG0 register per Table 5-4. Once the OSR is
chosen, the resolution is fixed and the output code
respects
the
data
format
defined
by
the
WIDTH_DATA<1:0> setting in the STATUSCOM
register (see Section 5.5 “ADC Output Coding”).
The gain of the transfer function of this filter is 1 at each
multiple of DMCLK (typically 1 MHz), so a proper anti-
aliasing filter must be placed at the inputs. This will
attenuate the frequency content around DMCLK and
keep the desired accuracy over the baseband of the
converter. This anti-aliasing filter can be a simple,
first-order RC network, with a sufficiently low time
constant to generate high rejection at the DMCLK
frequency
.
Any unsettled data is automatically discarded to avoid
data corruption. Each Data Ready pulse corresponds
to fully settled data at the output of the decimation filter.
The first data available at the output of the decimation
filter is present after the complete settling time of the
filter (see Table 5-4). After the first data has been
processed, the delay between two Data Ready pulses
is one DRCLK period. The data stream from input to
output is delayed by an amount equal to the settling
time of the filter (which is the group delay of the filter).
The resolution achievable, the -3 dB bandwidth and the
settling time at the output of the decimation filter (the
output of the ADC) are dependent on the OSR of each
sinc filter and are summarized in Table 5-4.
Modulator
Output
SINC
3
SINC
1
Decimation Filter
Output
OSR3
OSR1
4
16 (WIDTH = 0)
24 (WIDTH = 1)
Decimation Filter
OSR1 =
1
Hz

1z
- OSR
3
–


3
OSR
3
1z 1
–
–

3
----------------------------------------------
1z
- OSR
1
OSR
3
–


OSR
1
1z
- OSR
3
–


---------------------------------------------------------
=
Where z
EXP 2
jf
in

 DMCLK


=
SettlingTime DMC LK peri ods
 3OSR
3
OSR
1
1
–
 OSR
3
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com