Electronic Components Datasheet Search
  English  ▼

X  

MCP3918 Datasheet(PDF) 59 Page - Microchip Technology

Part # MCP3918
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918 Datasheet(HTML) 59 Page - Microchip Technology

Back Button MCP3918 Datasheet HTML 55Page - Microchip Technology MCP3918 Datasheet HTML 56Page - Microchip Technology MCP3918 Datasheet HTML 57Page - Microchip Technology MCP3918 Datasheet HTML 58Page - Microchip Technology MCP3918 Datasheet HTML 59Page - Microchip Technology MCP3918 Datasheet HTML 60Page - Microchip Technology MCP3918 Datasheet HTML 61Page - Microchip Technology MCP3918 Datasheet HTML 62Page - Microchip Technology MCP3918 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005287A-page 59
MCP3918
8.0
BASIC APPLICATION
CONFIGURATION
One of the main applications for the MCP3918 is
energy/power measurement in systems where the
ADC sampling the current needs to be isolated from the
rest of the design. Figure 8-1 can be used as a starting
point for MCP3918 applications.
For power measurements, since MCP3918 is a
1-channel ADC, it is recommended to use it for current
samples acquisition and to use the MCU ADC for
voltage samples acquisition.
The isolator used between MCU and ADC needs to be
fast enough to support the high-speed clock between
MCU and ADC and the data coming from ADC to MCU.
This is typically the case in a polyphase shunt-based
power/energy metering or monitoring application. In
this case, each phase needs to be isolated from the
rest of the design and, since the sensor is not providing
this isolation, the isolation needs to be provided at the
output of the analog front-end.
The MCP3918 device is built to work seamlessly with a
large variety of two-channel unidirectional digital
isolators (opto-couplers, capacitive or inductive
integrated digital isolators with or without embedded
power supplies).
FIGURE 8-1:
MCP3918 Three-Phase Shunt Energy Meter – Typical Application Schematic for Each
Phase.
8.1
Power Supply Design and
Bypassing
To power the isolated ADC, an isolated DC/DC
converter that can be embedded with the isolated data
communication channels (as in Figure 8-1) or other
structures that provide isolated power supplies (e.g.,
fly-back converter) can be used.
For single-phase designs where isolation between
ADC and MCU is not required, the SPI connection is
also available. This SPI interface could also be used
with isolators but this would require four isolators
instead of two (for the 2-wire mode) and, therefore, this
configuration is not preferred.
8.2
Power Supply Design and
Bypassing
The MCP3918 device was designed to measure
positive and negative voltages that might be generated
by a current-sensing device. This current-sensing
device, with a common-mode voltage close to 0V, is
referred to as AGND, which is a shunt or current
transformer (CT) with burden resistors attached to
ground.
The high performance and good flexibility that
characterize this ADC enable it to be used in other
applications, as long as the absolute voltage on each
pin, referred to AGND, stays in the -1V to +1V range.
3910A_SDO
A_GNDD
A_GNDA
A_GNDA
10
R76
0.1uF
C52
10
R100
0.1uF
C43
10
R86
A_GNDA
A_GNDA
A_GNDA
0.1uF
C46
A_3.3D
A_3.3A
A_GNDD
DR / GAIN1
14
DGND
11
AGND
8
CH0-
5
DVDD
2
OSC1/CLKI
15
SCK / MCLK
18
MDAT1
12
MDAT0
13
NC
6
NC
7
RFIN/OUT+
9
RFIN-
10
RESET / OSR0
1
AVDD
3
CH0+
4
CS / BOOST
17
OSC2 / MODE
16
SDO
19
SDI / OSR1
20
DR / GAIN1
DGND
AGND
CH0-
DVDD
OSC1/CLKI
SCK / MCLK
MDAT1
MDAT0
NC
NC
RFIN/OUT+
RFIN-
RESET / OSR0
AVDD
CH0+
CS / BOOST
OSC2 / MODE
SDO
SDI / OSR1
U3
MCP3918A1T/ISS
1
2
3
J24
1
2
3
J25
A_3.3D
1k
R80
A_GNDD
1
2
3
J26
1
2
3
J27
1
2
3
J28
HIGH
LOW
HIGH
LOW
LOW
LOW
HIGH
HIGH
GAIN1
GAIN0
BOOST
OSR1
OSR0
HIGH
LOW
1k
R79
3910A_CLKIN
10
R87
3910A_SDO
A_GNDD
A_3.3D
3910A_CLKIN
3910_CLKIN_MCU_A
PHASE A
A_3.3D
A_3.3D
A_3.3A
A_GNDA
VBT1-S5-S5
-Vin
1
+Vin
2
+Vout
5
-Vout
4
-Vin
+Vin
+Vout
-Vout
DC
DC
U7
4.7uF
C63
MCP1754-3.3V
VIN
3
VOUT
2
VIN
VOUT
U18
A_GNDD
0.1uF
C57
4.7uF
C22
5V
L2
GND
3.3D
GND
0.1uF
0603
C68
3.3D
GND
0.1uF
0603
C60
A_3.3D
A_GNDD
NT3
3910A_SDO_MCU/RC3
VDD1
1
VOA
2
VIB
3
GND1
4
VDD2
8
VIA
7
VOB
6
GND2
5
VDD1
VOA
VIB
GND1
VDD2V
V
VIA
VOB
GND2G
G
FOD8012
U21
A_GNDA
A_GNDA
A_GNDA
A_GNDA
A_GNDA
0.1uF
C5
1k
R5
1k
R4
0.1uF
C1
LINE_SHUNT1
LINE_SHUNT2
Via_1.6x1
CP1
Via_1.6x1
CP2
DNP
R3
DNP
R6
FB2
FB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com