Electronic Components Datasheet Search
  English  ▼

X  

MICRF229 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MICRF229
Description  400MHz to 450MHz ASK/OOK Receiver with Auto-Poll and RSSI
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF229 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MICRF229 Datasheet HTML 1Page - Micrel Semiconductor MICRF229 Datasheet HTML 2Page - Micrel Semiconductor MICRF229 Datasheet HTML 3Page - Micrel Semiconductor MICRF229 Datasheet HTML 4Page - Micrel Semiconductor MICRF229 Datasheet HTML 5Page - Micrel Semiconductor MICRF229 Datasheet HTML 6Page - Micrel Semiconductor MICRF229 Datasheet HTML 7Page - Micrel Semiconductor MICRF229 Datasheet HTML 8Page - Micrel Semiconductor MICRF229 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Micrel, Inc.
MICRF229
April 15, 2015
5
Revision 1.0
Electrical Characteristics (Continued)
VDD = 5.0V, VEN = 5V, SQ = Open, CAGC = 4.7µF, CCTH = 0.1µF, unless otherwise noted. Bold values indicate –
40°C ≤ TA ≤ +105°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Reference Oscillator
fRF
Reference Oscillator Frequency
fRF = 433.92MHz
13.52313
MHz
Reference Buffer Input Impedance
RO1 when driven externally
1.6
kΩ
Reference Oscillator Bias Voltage
RO2
1.15
V
Reference Oscillator Input Range
External input, AC couple to RO1
0.2
1.5
VP-P
Reference Oscillator Source
Current
VRO1 = 0V
300
µA
Demodulator
CTH Source Impedance
(5)
fREF = 13.52313MHz
120
K
Ω
CTH Leakage Current In CTH
Hold Mode
TA = +25ºC
TA = +105ºC
1
10
nA
Digital / Control Functions
DO Pin Output Current
As output source at 0.8VDD
As output sink at 0.2VDD
300
680
µA
Output Rise Time
15pF load on DO pin, transition time
between 0.1VDD and 0.9VDD
600
ns
Output Fall Time
200
Input High Voltage
EN
0.8VDD
V
Input Low Voltage
EN
0.2VDD
V
Output Voltage High
DO
0.8VDD
V
Output Voltage Low
DO
0.2VDD
V
RSSI
(6)
VRSSI
RSSI DC Output Voltage Range
−110dBm RF input level
0.5
V
−50dBm RF input level
2.0
RSSI Output Current
5k
Ω load to GND, −50dBm RF input
level
400
µA
RSSI Output Impedance
240
Ω
RSSI Response Time
D[4:3] = 00, RF input power-stepped
from no input to
−50dBm
10
ms
RF Leakage
LO Leakage for 433.92MHz
432.68064MHz (fXAL = 13.52127MHz)
−98
dBm
Notes:
5.
CTH source impedance is inversely proportional to the reference frequency. In production test, the typical source impedance value is verified with
12MHz reference frequency.
6.
RSSI exhibit variation through manufacturing process, it is recommended that the reading is calibrated by software in system MCU when it is being
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com