Electronic Components Datasheet Search
  English  ▼

X  

MIC2102 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2102
Description  38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2102 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2102 Datasheet HTML 1Page - Micrel Semiconductor MIC2102 Datasheet HTML 2Page - Micrel Semiconductor MIC2102 Datasheet HTML 3Page - Micrel Semiconductor MIC2102 Datasheet HTML 4Page - Micrel Semiconductor MIC2102 Datasheet HTML 5Page - Micrel Semiconductor MIC2102 Datasheet HTML 6Page - Micrel Semiconductor MIC2102 Datasheet HTML 7Page - Micrel Semiconductor MIC2102 Datasheet HTML 8Page - Micrel Semiconductor MIC2102 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Micrel, Inc.
MIC2101/02
November 13, 2013
5
Revision 2.0
Electrical Characteristics(4) (Continued)
VIN = 12V, VOUT = 1.2V; VBST –VSW = 5V; TA = 25°C, unless noted. Bold values indicate
J
Parameter
Condition
Min.
Typ.
Max.
Units
Oscillator
Switching Frequency
VFREQ = VIN
400
600
750
kHz
VFREQ = 50%VIN
300
Maximum Duty Cycle
85
%
Minimum Duty Cycle
VFB > 0.8V
0
%
Minimum Off-Time
140
200
260
ns
Soft-Start
Soft-Start time
5ms
Short-Circuit Protection
Current-Limit Threshold
VFB = 0.79V
30
14
0mV
Short-Circuit Threshold
VFB = 0V
23
7
9mV
Current-Limit Source Current
VFB = 0.79V
60
80
100
μA
Short-Circuit Source Current
VFB = 0V
27
37
47
μA
FET Drivers
DH, DL Output Low Voltage
ISINK = 10mA
0.1
V
DH, DL Output High Voltage
ISOURCE = 10mA
VPVDD 0.1V
or
VBST 0.1V
V
DH On-Resistance, High State
2.1
3.3
DH On-Resistance, Low State
1.8
3.3
DL On-Resistance, High State
1.8
3.3
DL On-Resistance, Low State
1.2
2.3
SW, BST Leakage Current
50
μA
Power Good (PG)
PG Threshold Voltage
Sweep VFB from Low to High
85
90
95
%VOUT
PG Hysteresis
Sweep VFB from High to Low
6
%VOUT
PG Delay Time
Sweep VFB from Low to High
100
μs
PG Low Voltage
VFB < 90% x VNOM, IPG = 1mA
70
200
mV
Thermal Protection
Over-Temperature Shutdown
TJ Rising
160
°C
Over-Temperature Shutdown Hysteresis
7
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com