Electronic Components Datasheet Search
  English  ▼

X  

MIC2102 Datasheet(PDF) 33 Page - Micrel Semiconductor

Part # MIC2102
Description  38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2102 Datasheet(HTML) 33 Page - Micrel Semiconductor

Back Button MIC2102 Datasheet HTML 28Page - Micrel Semiconductor MIC2102 Datasheet HTML 29Page - Micrel Semiconductor MIC2102 Datasheet HTML 30Page - Micrel Semiconductor MIC2102 Datasheet HTML 31Page - Micrel Semiconductor MIC2102 Datasheet HTML 32Page - Micrel Semiconductor MIC2102 Datasheet HTML 33Page - Micrel Semiconductor MIC2102 Datasheet HTML 34Page - Micrel Semiconductor MIC2102 Datasheet HTML 35Page - Micrel Semiconductor MIC2102 Datasheet HTML 36Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Micrel, Inc.
MIC2101/02
November 13, 2013
33
Revision 2.0
Bill of Materials (Continued)
Item
Part Number
Manufacturer
Description
Qty.
Q2, Q4 (OPEN)
R1
CRCW060310K0FKEA
Vishay Dale
(14)
10k Resistor, Size 0603, 1%
1
R2, R23
CRCW08051R21FKEA
Vishay Dale
2
R3
CRCW06035K23FKEA
Vishay Dale
5.23K,1%,1/10W,0603.
1
R4
CRCW060380K6FKEA
Vishay Dale
80.6k Resistor, Size 0603, 1%
1
R5
CRCW060340K2FKEA
Vishay Dale
40.2k Resistor, Size 0603, 1%
1
R6
CRCW060320K0FKEA
Vishay Dale
20k Resistor, Size 0603, 1%
1
R7
CRCW060311K5FKEA
Vishay Dale
11.5k Resistor, Size 0603, 1%
1
R8
CRCW06038K06FKEA
Vishay Dale
8.06k Resistor, Size 0603, 1%
1
R9
CRCW06034K75FKEA
Vishay Dale
4.75k Resistor, Size 0603, 1%
1
R10
CRCW06033K24FKEA
Vishay Dale
3.24k Resistor, Size 0603, 1%
1
R11
CRCW06031K91FKEA
Vishay Dale
1.91k Resistor, Size 0603, 1%
1
R12 (OPEN)
CRCW0603715R0FKEA
Vishay Dale
715 Resistor, Size 0603, 1%
R13 (OPEN)
CRCW0603348R0FKEA
Vishay Dale
348
R14, R15, R19
CRCW06030000FKEA
Vishay Dale
0
5%
3
R16
CRCW08052R0FKEA
Vishay Dale
1
R17
CRCW06031K65FKEA
Vishay Dale
1.65
1
R18
CRCW060349K9FKEA
Vishay/Dale
49.9K,1%,1/10W,0603
1
R20 (OPEN)
No Load
R21
CRCW060349R9FKEA
Vishay Dale
49.9 Resistor, Size 0603, 1%
1
R22
CRCW0603100KFKEA
Vishay Dale
100k Resistor, Size 0603, 1%
1
U1
MIC2101YML
MIC2102YML
Micrel. Inc.
(15)
38V Synchronous Buck DC/DC Controller
1
Notes:
14. Vishay: www.vishay.com.
15. Micrel, Inc.: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com