Electronic Components Datasheet Search
  English  ▼

X  

MIC2102 Datasheet(PDF) 29 Page - Micrel Semiconductor

Part # MIC2102
Description  38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2102 Datasheet(HTML) 29 Page - Micrel Semiconductor

Back Button MIC2102 Datasheet HTML 25Page - Micrel Semiconductor MIC2102 Datasheet HTML 26Page - Micrel Semiconductor MIC2102 Datasheet HTML 27Page - Micrel Semiconductor MIC2102 Datasheet HTML 28Page - Micrel Semiconductor MIC2102 Datasheet HTML 29Page - Micrel Semiconductor MIC2102 Datasheet HTML 30Page - Micrel Semiconductor MIC2102 Datasheet HTML 31Page - Micrel Semiconductor MIC2102 Datasheet HTML 32Page - Micrel Semiconductor MIC2102 Datasheet HTML 33Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Micrel, Inc.
MIC2101/02
November 13, 2013
29
Revision 2.0
In this situation, the output voltage ripple is less than
20mV. Therefore, additional ripple is injected into the FB
pin from the switching node SW via a resistor RINJ and a
capacitor Cinj, as shown in Figure 8c. The injected ripple
is:
SW
div
IN
FB(pp)
f
1
D)
-
(1
D
K
V
Eq.30
R1//R2
R
R1//R2
K
INJ
div
Eq. 31
where:
VIN = Power stage input voltage
D = Duty cycle
fSW = Switching frequency
= (R1//R2//Rinj) Cff
In Equations 30 and 32, it is assumed that the time
constant associated with Cff must be much greater than
the switching period:
1
T
f
1
SW
Eq. 32
range, a Cff of 1nF to 100nF can easily satisfy the large
time constant requirements. Also, a 100nF injection
capacitor CINJ is used in order to be considered as short
for a wide range of the frequencies.
The process of sizing the ripple injection resistor and
capacitors is:
Step 1.
Select Cff to feed all output ripples into the
feedback pin and make sure the large time constant
assumption is satisfied. Typical choice of Cff is 1nF to
Step 2.
Select Rinj according to the expected feedback
voltage ripple using Equation 35:
D)
(1
D
f
V
K
SW
IN
FB(pp)
div
Eq. 33
Then the value of RINJ is obtained as:
1)
K
1
(
(R1//R2)
R
div
INJ
Eq. 34
Step 3.
Select Cinj as 100nF, which could be considered
as short for a wide range of the frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com