Electronic Components Datasheet Search
  English  ▼

X  

MIC1344 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC1344
Description  Smart, 3A, Two-Channel, Power ORing Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC1344 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC1344 Datasheet HTML 9Page - Micrel Semiconductor MIC1344 Datasheet HTML 10Page - Micrel Semiconductor MIC1344 Datasheet HTML 11Page - Micrel Semiconductor MIC1344 Datasheet HTML 12Page - Micrel Semiconductor MIC1344 Datasheet HTML 13Page - Micrel Semiconductor MIC1344 Datasheet HTML 14Page - Micrel Semiconductor MIC1344 Datasheet HTML 15Page - Micrel Semiconductor MIC1344 Datasheet HTML 16Page - Micrel Semiconductor MIC1344 Datasheet HTML 17Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Micrel, Inc.
MIC1344
April 24, 2015
13
Revision 1.0
The ASEL\ and BSEL\ status pins indicate which channel
is selected and connected to the output. If ASEL\ is active
(low), then INA is selected and if BSEL\ is active (low),
then INB is selected. If both ASEL\ and BSEL\ are
inactive (open-drain high), then neither of the two inputs
is selected. This can occur if both INA and INB input
voltages are below the undervoltage lock out (UVLO)
voltage, or both inputs have been manually turned-off
(ENA = 0, ENB = 1).
If high-value pull-up resistors are used (>100k
Ω), then
minimal current will be injected into the digital input pins,
allowing them to stay at a digital low for a lower input
voltage below the UVLO voltage.
Each digital status output pin is capable of sinking 10mA,
which is sufficient current to drive LEDs, optocouplers,
etc.
Passing
the
status
of
the
MIC1344
through
optocouplers allows communicating the power status
across the isolation barrier of power systems.
Under Voltage Lockout
Both INA and INB have separate UVLO detection circuits.
The UVLO status of INA is reflected on the STAOK status
pin. Likewise, the UVLO status of INB is reflected on the
STBOK status pin. This feature can be used to monitor
the incoming voltage of the unselected input channel. If
the selected IN pin is below the UVLO voltage, then the
channel will be turned off, and only reverse leakage
current can flow.
Standard Hysteresis Mode
In automatic mode, the voltage of the inactive input must
be raised above the voltage of the active input by
≈300mV, in order for the MIC1344 to switch to the
inactive input.
High Hysteresis Mode
If four transitions between input channels occur within
≈8ms (INA → INB → INA → INB) while the part is in
automatic mode, then the 300mV switchover hysteresis
will increas
e to ≈600mV. This is the high hysteresis
mode. In the high hysteresis mode the part can only
switch between channels once per millisecond. The
higher hysteresis and the forced delay helps prevent the
part from chattering between inputs.
In the high hysteresis mode, if there are four additional
transitions in the next
≈8ms, then the status pin for the
selected channel will go low (STAOK if VINA selected
and STBOK if VINB is selected).
The part will exit the high hysteresis mode if there are
fewer than four transitions in a subsequent
≈8ms period,
or if a manual mode is selected.
Hot Swappable Inputs
The power to INA and/or INB can be connected to input
power and turned on or off without consequence to the
other input power supply, as long as the minimum and
maximum input voltage does not exceed the ratings of
the MIC1344. If the MIC1344 is set to automatic mode
(ENA = 0, ENB = 0), and power is applied to one of the
channels, the MIC1344 will wait until the input voltage is
above the UVLO threshold, then it will wait the initial
power up delay period, giving time for the input voltage to
stabilize, and then connect the selected input to the OUT
pin. Refer to the “Current Limiting” sub-section for details
of what occurs if the INA or INB input channels current
limit.
Cascading More than Two Input Power Sources
On the MIC1344, both inputs can be turned off using the
ENA = 0, ENB = 1, no input selected mode. This mode is
used when more than two power inputs are used. If there
is
an
input
voltage
at
either
INA
or
INB,
the
corresponding digital output status pins will stay active.
This allows detection of the presence of an input voltage
through the corresponding STAOK or STBOK pins, even
if the channel is not selected.
Reverse Voltage and On-Channel Voltage Detection
If one of the channels of the MIC1344 is turned off,
current is blocked from flowing from the OUT pin to the
unselected IN pin. For example; If INA is at 5V, and INA
is selected, only a very small leakage current (<10µA
maximum) will flow between OUT, and the unselected
INB.
If a channel is turned on and the OUT voltage exceeds
the corresponding IN voltage, then reverse current may
flow to the input. If the voltage at the OUT pin exceeds
the voltage at the correspondingly selected IN pin, then
the channel will be turned off and the corresponding
STAOK or STBOK pin will go active (low). For example, if
INA is selected and OUT exceeds INA
by ≥ 100mV, then
Channel A will be turned off and STAOK will go active,
indicating that a fault has occurred. The same sequence
occurs if Channel B is selected and OUT exceeds INB by
≥100mV. Once the differential between OUT and the
selected IN drops to
≈50mV, the selected channel will
automatically turn back on.
Output Capacitor
The output (OUT) requires sufficient capacitance that
when the MIC1344 switches between inputs (INA or INB),
that the output voltage does not unacceptably droop (go
low). The cause of the output voltage drooping is that the
MIC1344 switches “break before make”, which will
momentarily disconnect both inputs from the output. The
switchover
delay
is
specified
in
the
Electrical
Characteristics. A minimum of a 10µF ceramic chip
capacitor is recommended on the output of the MIC1344.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com