Electronic Components Datasheet Search
  English  ▼

X  

MIC1344 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC1344
Description  Smart, 3A, Two-Channel, Power ORing Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC1344 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC1344 Datasheet HTML 1Page - Micrel Semiconductor MIC1344 Datasheet HTML 2Page - Micrel Semiconductor MIC1344 Datasheet HTML 3Page - Micrel Semiconductor MIC1344 Datasheet HTML 4Page - Micrel Semiconductor MIC1344 Datasheet HTML 5Page - Micrel Semiconductor MIC1344 Datasheet HTML 6Page - Micrel Semiconductor MIC1344 Datasheet HTML 7Page - Micrel Semiconductor MIC1344 Datasheet HTML 8Page - Micrel Semiconductor MIC1344 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Micrel, Inc.
MIC1344
April 24, 2015
2
Revision 1.0
Ordering Information
Part Number
Marking
Output Current
Junction Temperature Range
Package
(1, 2)
MIC1344YFT
4N
Adjustable (3.0A maximum)
–40°C to +125°C
12-Pin 2mm × 2mm FTQFN
Notes:
1.
Pin 1 indicator = “
▲”
2.
Green RoHS compliant package. Lead finish is NiPdAu. Mold compound is halogen free.
Pin Configuration
12-Pin 2mm × 2mm FTQFN (FT)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
INB
Supply Voltage Input B. This input may be bypassed to GND with >0.1µF, X7R or similar, ceramic
type capacitor. This input is hot swappable.
2
STBOK
Open drain output, digital status monitor for supply voltage Input B (INB). Voltage will be low if
any of the following conditions occur:
•
INB is below the UVLO limit.
•
The output current from INB is at its set current limit.
•
The die temperature exceeds the overtemperature limit.
•
Reverse current detected (VOUT > VINB+100mV).
•
Prolonged high hysteresis mode engaged.
3
BSEL\
Open Drain Output. Low if Input B (INB) is providing power to the OUT pin.
4
ILIMB
A resistor from this pin to ground sets the current limit for INB. The current flowing into INB can be
monitored by the voltage on this pin.
5
ENB
The ENA and ENB digital inputs control which voltage input (INA or INB) is connected to the
voltage out (OUT) pin. There is an internal 570k
Ω pull-down on this pin to ensure that automatic
select mode is active when the logic that is driving the MIC1344 is being powered up. Table 1
shows how to control the power routing with the ENA and ENB inputs.
6
GND
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com