Electronic Components Datasheet Search
  English  ▼

X  

MIC1344 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC1344
Description  Smart, 3A, Two-Channel, Power ORing Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC1344 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC1344 Datasheet HTML 1Page - Micrel Semiconductor MIC1344 Datasheet HTML 2Page - Micrel Semiconductor MIC1344 Datasheet HTML 3Page - Micrel Semiconductor MIC1344 Datasheet HTML 4Page - Micrel Semiconductor MIC1344 Datasheet HTML 5Page - Micrel Semiconductor MIC1344 Datasheet HTML 6Page - Micrel Semiconductor MIC1344 Datasheet HTML 7Page - Micrel Semiconductor MIC1344 Datasheet HTML 8Page - Micrel Semiconductor MIC1344 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Micrel, Inc.
MIC1344
April 24, 2015
3
Revision 1.0
Pin Description (Continued)
Pin Number
Pin Name
Pin Function
7
ENA
The ENA and ENB digital inputs control which voltage input (INA or INB) is connected to the
voltage out (OUT) pin. There is an internal 570k
Ω pull-down on this pin to ensure that automatic
select mode is active when the logic that is driving the MIC1344 is being powered-up. Table 1
shows how to control the power routing with the ENA and ENB inputs.
8
ILIMA
A resistor from this pin to ground sets the current limit for INA. The current flowing into INA can be
monitored by the voltage on this pin.
9
ASEL\
Open Drain Output. Low if Input A (INA) is providing power to the OUT pin.
10
STAOK
Open drain output, digital status monitor for supply voltage Input A (INA). Voltage will be low if
any of the following conditions occur:
•
INA is below the UVLO limit.
•
The output current from INA is at its set current limit.
•
The die temperature exceeds the overtemperature limit.
•
Reverse current detected (VOUT > VINA+100mV).
•
Prolonged high hysteresis mode engaged.
11
INA
Supply Voltage Input A. This input may be bypassed to GND with >0.1µF, X7R or similar, ceramic
type capacitor. This input is hot swappable.
12
OUT
Voltage Output. This is the power output. Bypass this pin to ground with a capacitor suitable to
provide adequate power during the switchover time of the MIC1344. This capacitor should be a
minimum of 10µF, X7R or similar temperature stability, ceramic capacitor.
EP
ePad
Internally connected to electrical ground (GND) pin. Connect to as large a PCB area as practical
to dissipate heat from the MIC1344.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com