Electronic Components Datasheet Search
  English  ▼

X  

MIC2102YML Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2102YML
Description  38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2102YML Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2102YML Datasheet HTML 5Page - Micrel Semiconductor MIC2102YML Datasheet HTML 6Page - Micrel Semiconductor MIC2102YML Datasheet HTML 7Page - Micrel Semiconductor MIC2102YML Datasheet HTML 8Page - Micrel Semiconductor MIC2102YML Datasheet HTML 9Page - Micrel Semiconductor MIC2102YML Datasheet HTML 10Page - Micrel Semiconductor MIC2102YML Datasheet HTML 11Page - Micrel Semiconductor MIC2102YML Datasheet HTML 12Page - Micrel Semiconductor MIC2102YML Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Micrel, Inc.
MIC2101/02
November 13, 2013
9
Revision 2.0
Typical Characteristics (Continued)
Switching Frequency
vs. Output Current (MIC2102)
100
150
200
250
300
350
400
450
500
550
600
650
700
02
468
10
12
OUTPUT CURRENT (A)
VIN = 12V
VOUT = 3.3V
25°C
-40°C
125°C
Feedback Voltage
vs. Output Current (MIC2102)
0.792
0.796
0.800
0.804
0.808
012
3456
789 10 11 12
OUTPUT CURRENT (A)
VIN = 12V
VOUT = 3.3V
fSW = 600kHz
Line Regulation
vs. Output Current (MIC2102)
-0.3%
-0.2%
-0.1%
0.0%
0.1%
0.2%
0.3%
01
23
456
78
9 10 11 12
OUTPUT CURRENT (A)
VIN = 5V to 38V
VOUT = 3.3V
VDD = 5V
fSW = 600kHz
Efficiency (VIN = 5V)
vs. Output Current (MIC2102)
0
10
20
30
40
50
60
70
80
90
100
048
12
16
OUTPUT CURRENT (A)
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
0.9V
0.8V
fSW = 600kHz
Efficiency (VIN = 12V)
vs. Output Current (MIC2102)
30
40
50
60
70
80
90
100
048
12
16
OUTPUT CURRENT (A)
5.0V
3.3V
2.5V
1.8V
1.2V
0.8V
fSW = 600kHz
Efficiency (VIN = 18V)
vs. Output Current (MIC2102)
0
10
20
30
40
50
60
70
80
90
100
04
8
12
16
OUTPUT CURRENT (A)
5.0V
3.3V
2.5V
1.8V
1.2V
0.8V
VSW = 600kHz
Efficiency (VIN = 24V)
vs. Output Current (MIC2102)
0
10
20
30
40
50
60
70
80
90
100
048
12
16
OUTPUT CURRENT (A)
5.0V
3.3V
2.5V
1.8V
1.2V
0.8V
fSW = 600kHz
Efficiency (VIN = 38V)
vs. Output Current (MIC2102)
0
10
20
30
40
50
60
70
80
90
100
04
8
12
16
OUTPUT CURRENT (A)
5.0V
3.3V
2.5V
1.8V
1.2V
0.8V
fSW = 600kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com