Electronic Components Datasheet Search
  English  ▼

X  

MIC2102YML Datasheet(PDF) 28 Page - Micrel Semiconductor

Part # MIC2102YML
Description  38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2102YML Datasheet(HTML) 28 Page - Micrel Semiconductor

Back Button MIC2102YML Datasheet HTML 24Page - Micrel Semiconductor MIC2102YML Datasheet HTML 25Page - Micrel Semiconductor MIC2102YML Datasheet HTML 26Page - Micrel Semiconductor MIC2102YML Datasheet HTML 27Page - Micrel Semiconductor MIC2102YML Datasheet HTML 28Page - Micrel Semiconductor MIC2102YML Datasheet HTML 29Page - Micrel Semiconductor MIC2102YML Datasheet HTML 30Page - Micrel Semiconductor MIC2102YML Datasheet HTML 31Page - Micrel Semiconductor MIC2102YML Datasheet HTML 32Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Micrel, Inc.
MIC2101/02
November 13, 2013
28
Revision 2.0
The output voltage is determined by the equation:
)
R2
R1
(1
V
V
FB
OUT
Eq. 26
where, VFB = 0.8V. A typical value of R1 can be between
, it may allow noise to be
introduced into the voltage feedback loop. If R1 is too
small in value, it will decrease the efficiency of the power
supply, especially at light loads. Once R1 is selected, R2
can be calculated using:
FB
OUT
FB
V
V
R1
V
R2
Eq. 27
Ripple Injection
The VFB ripple required for proper operation of the
MIC2101/02 gm amplifier and error comparator is 20mV
to 100mV. However, the output voltage ripple is
generally designed as 1% to 2% of the output voltage.
For a low output voltage, such as a 1V, the output
voltage ripple is only 10mV to 20mV, and the feedback
voltage ripple is less than 20mV. If the feedback voltage
ripple is so small that the gm amplifier and error
comparator can’t sense it, then the MIC2101/02 will lose
control and the output voltage is not regulated. In order
to have some amount of VFB ripple, a ripple injection
method is applied for low output voltage ripple
applications.
The applications are divided into three situations
according to the amount of the feedback voltage ripple:
1. Enough ripple at the feedback voltage due to the
large ESR of the output capacitors.
As shown in Figure 8a, the converter is stable
without any ripple injection. The feedback voltage
ripple is:
(pp)
L
C
FB(pp)
ESR
R2
R1
R2
OUT
Eq. 28
where
L(pp)
is the peak-to-peak value of the
inductor current ripple.
2. Inadequate ripple at the feedback voltage due to the
small ESR of the output capacitors.
The output voltage ripple is fed into the FB pin
through a feedforward capacitor Cff in this situation,
as shown in Figure 8b. The typical Cff value is
between 1nF and 100nF. With the feedforward
capacitor, the feedback voltage ripple is very close
to the output voltage ripple:
(pp)
L
FB(pp)
ESR
Eq. 29
3. Virtually no ripple at the FB pin voltage due to the
very-low ESR of the output capacitors:
Figure 8a. Enough Ripple at FB
Figure 8b. Inadequate Ripple at FB
Figure 8c. Invisible Ripple at FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com