Electronic Components Datasheet Search
  English  ▼

X  

MIC2102YML Datasheet(PDF) 32 Page - Micrel Semiconductor

Part # MIC2102YML
Description  38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2102YML Datasheet(HTML) 32 Page - Micrel Semiconductor

Back Button MIC2102YML Datasheet HTML 28Page - Micrel Semiconductor MIC2102YML Datasheet HTML 29Page - Micrel Semiconductor MIC2102YML Datasheet HTML 30Page - Micrel Semiconductor MIC2102YML Datasheet HTML 31Page - Micrel Semiconductor MIC2102YML Datasheet HTML 32Page - Micrel Semiconductor MIC2102YML Datasheet HTML 33Page - Micrel Semiconductor MIC2102YML Datasheet HTML 34Page - Micrel Semiconductor MIC2102YML Datasheet HTML 35Page - Micrel Semiconductor MIC2102YML Datasheet HTML 36Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Micrel, Inc.
MIC2101/02
November 13, 2013
32
Revision 2.0
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty
C1
EEU-FC1J221S
Panasonic
(6)
220μF Aluminum Capacitor, 63V
1
C2, C3, C4
12105C225KAT2A
AVX
(7)
2.2μF/50V Ceramic Capacitor, X7R, Size 1210
3
C3225X7R1H225K
TDK
(8)
C14
GRM32ER60J107ME20L
Murata
(9)
100μF/6.3V Ceramic Capacitor, X7R, Size 1210
1
12106D107MAT2A
AVX
C3225X5ROJ107M
TDK
C6, C16, C10
GRM188R71H104KA93D
Murata
0.1μF/50V Ceramic Capacitor, X7R, Size 0603
3
06035C104KAT2A
AVX
C1608X7R1H104K
TDK
C7, C17
GRM188R60J475KE19D
Murata
4.7μF/6.3V Ceramic Capacitor, X7R, Size 0603
2
06036D475KAT2A
AVX
C1608X5R0J475K
TDK
C8
GRM188R70J105KA01D
Murata
1μF/6.3V Ceramic Capacitor, X7R, Size 0603
1
06036C105KAT2A
AVX
C1608X5R0J105K
TDK
C9
GRM21BR72A474KA73
Murata
0.47μF/100V,X7R,0805
1
08051C474KAT2A
AVX
C11
GRM188R71H102KA01D
Murata
1nF/50V Cermiac Capacitor, X7R, Size 0603
1
06035C102KAT2A
AVX
C1608X7R1H102K
TDK
C12
GRM188R71H472MA01D
Murata
4.7nF/50V Cermiac Capacitor, X7R, Size 0603
1
06035C472KAT2A
AVX
C1608X7R1H472K
TDK
C13
6SEPC470MX
Sanyo
(10)
470μF/6.3V, 7m , OSCON
1
6SEPC470M
Sanyo
470μF/6.3V, 7m , OSCON
C15 (OPEN)
6TPB470M
Sanyo
470μF/6.3V, POSCAP
C5 (OPEN)
GRM32ER60J107ME20L
Murata
100μF/6.3V Ceramic Capacitor, X7R, Size 1210
C18
GRM1885C1H150JA01D
Murata
15pF, 50V, 0603, NPO
1
06035A150JAT2A
AVX
D1
BAT46W-TP
MCC
(11)
100V Small Signal Schottky Diode, SOD123
1
L1
CDEP147NP- 1R5M-95
Sumida
(12)
1.5μH, 27/22Asat, 20Arms for 40C rise
1
Q1, Q3
BSC067N06LS3
Infineon
(13)
MOSFET, N-CH, Power SO-8
2
Notes:
6. Panasonic: www.panasonic.com.
7. AVX: www.avx.com
8. TDK: www.tdk.com.
9. Murata: www.murata.com.
10. Sanyo: www.sanyo.com.
11. MCC.: www.mccsemi.com.
12. Sumida: www.sumida.com
13. Infineon: www.infineon.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com