Electronic Components Datasheet Search
  English  ▼

X  

VSC8122 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC8122
Description  Multi-Rate SONET/SDH Clock and Data Recovery IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8122 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8122 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Multi-Rate SONET/SDH
Clock and Data Recovery IC
Data Sheet
VSC8122
G52228-0, Rev 4.1
Page 1
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Features
General Description
The VSC8122 is a single-chip clock recovery IC for use in SONET OC-48, OC-24, OC-12, OC-3, or Giga-
bit Ethernet systems operating at their respective 2.48832Gb/s, 1.24416Gb/s, 622.08Mbps, 155.52Mbps, or
1.25Gbps data rates. The VSC8122 complies with SONET jitter tolerance, jitter transfer and jitter generation
specifications.
Alarm functions support typical telecom system applications. The Loss of Lock (LOL) output indicates
when the device goes out of lock, which would most often occur in the event of a loss of valid data. The NOREF
output flags when the reference input to the VSC8122 either is removed, or goes severely out of tolerance.
VSC8122 Block Diagram
• Multi-Rate OC-3, OC-12, OC-24, OC-48 Clock
and Data Recovery
• Supports Gigabit Ethernet
• Differential Back Terminated I/O
• Maintains Clock Output in the Absence of Data
• Selectable Reference Clock
• Loss of Lock Indicator
• Exceeds SONET/SDH Requirements for Jitter
Tolerance, Jitter Transfer and Jitter Generation.
• 3.3V Supply Operation
• 1W Typical Power
• 64-pin , 10x10mm PQFP Packaging
DI+
DI-
Ph/Freq.
Detector
Loop
Filter
VCO
Data
Retiming
Lock
Detect
CO+
CO-
DO+
DO-
LOL
NOREF
REFCK1 +/-
REFCK0 +/-
REF_SEL[1:0]
REF_INPUTSEL
FSEL[1:0]
Divider
Divider
FILTI+/-
FILTO+/-


Similar Part No. - VSC8122

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8121 VITESSE-VSC8121 Datasheet
176Kb / 18P
2.488GHz SONET/SDH Clock Generator
VSC8121QI VITESSE-VSC8121QI Datasheet
176Kb / 18P
2.488GHz SONET/SDH Clock Generator
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
VSC8124 VITESSE-VSC8124 Datasheet
648Kb / 20P
Target Specification
More results

Similar Description - VSC8122

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3004HL PHILIPS-TZA3004HL Datasheet
276Kb / 24P
SDH/SONET data and clock recovery unit STM1/4 OC3/12
1998 Feb 09
logo
List of Unclassifed Man...
SI5010 ETC-SI5010 Datasheet
287Kb / 16P
OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
SI5318 ETC-SI5318 Datasheet
593Kb / 30P
SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
SI5020 ETC1-SI5020 Datasheet
335Kb / 18P
SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
S3076 ETC1-S3076 Datasheet
158Kb / 18P
MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
logo
Silicon Laboratories
SI5010 SILABS-SI5010 Datasheet
276Kb / 20P
OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
SI5023 SILABS-SI5023 Datasheet
781Kb / 28P
MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com