Electronic Components Datasheet Search
  English  ▼

X  

VSC8122 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC8122
Description  Multi-Rate SONET/SDH Clock and Data Recovery IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8122 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC8122 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Data Sheet
VSC8122
Multi-Rate SONET/SDH
Clock and Data Recovery IC
VITESSE
SEMICONDUCTOR CORPORATION
Page 2
G52228-0, Rev 4.1
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Functional Description
Data Input
The data input receiver is internally terminated by a center-tapped resistor network. For differential input
AC coupling, the network is terminated to the appropriate termination voltage, VTERM through a blocking
capacitor, CAC to ground. The input requires a differential signal with a peak-to-peak voltage on both the true
and complement of a minimum of 250mV. These inputs are required to be AC-coupled to allow use with a vari-
ety of limiting amplifiers.
Figure 1: Input Termination (AC-Coupled)
High-Speed Clock and Data Outputs
The VSC8122 high-speed clock and data outputs can be DC-terminated, 50
Ω to V
CC as indicated in
Figure 2.
Figure 2: High-Speed Clock and Data Output DC Termination
VSC8122
Limiting Amp
0.1
µF
0.1
µF
DI+
DI-
Zo = 50Ω
Zo = 50Ω
50
Ω
50
Ω
VTERM
CAC
VSC8122
Zo = 50Ω
Zo = 50Ω
VCC
VCC
VCC
50
Ω
50
Ω
100
Ω
100
Ω
CO+ / DO+
CO- / DO-
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com