Electronic Components Datasheet Search
  English  ▼

X  

VSC8122 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC8122
Description  Multi-Rate SONET/SDH Clock and Data Recovery IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8122 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC8122 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Multi-Rate SONET/SDH
Clock and Data Recovery IC
Data Sheet
VSC8122
G52228-0, Rev 4.1
Page 3
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Outputs can also be AC terminated as shown in Figure 3. The output differential voltage and common-mode
voltage range are specified in Table 4, High-Speed Inputs and Outputs.
Figure 3: High-Speed Clock and Data Output AC Termination
Clock Recovery
The VSC8122 has a selectable input data rate. Two pins (FSEL0 and FSEL1) select the data rate to be pro-
vided to the VSC8122.
Table 1: Input Data Rate Select
The incoming data is presented both to the clock recovery circuit and the data retiming circuit. When there
is a phase error between the incoming data and the on-chip Voltage-Controlled Oscillator (VCO), the loop filter
raises or lowers the control voltage of the VCO to null the phase difference.
The lock detector monitors the frequency difference between the REFCK (optionally divided by a pres-
caler) and the recovered clock divided by 128. In the event of the loss of an input signal, or if the input is switch-
ing randomly, the VCO will move in one direction. At the time the VCO differs by more than 1MHz from the
REFCK based 2.48832GHz rate, the lock detector will assert the LOL output. LOL is designed to be asserted
from between 2.3µs and 100µs after the interruption of data. The VCO will continue to be frequency-locked at
approximately 1MHz off of the REFCK based 2.48832GHz rate.
When NRZ data is again presented at the data input, the phase detector will permit the VCO to lock to the
incoming data. Hysteresis is provided which delays the deassertion of LOL until approximately 160µs following
the restoration of valid data.
The NOREF output will go high to indicate that there is no signal on the REFCK input, or that the REFCK
is more than approximately 25% above or below the expected value.
Input Data Rate
FSEL0
FSEL1
2.48832Gb/s or 2.5Gb/s
00
1.24416Gb/s or 1.25Gb/s
10
622.08Mb/s or 625Mb/s
01
155.52Mb/s or 156.25Mb/s
11
VSC8122
Zo = 50Ω
Zo = 50Ω
VTERM
VTERM
VCC
VCC
50
Ω
50
Ω
100
Ω
100
Ω
CO+ / DO+
CO- / DO-
0.1
µF
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com