Electronic Components Datasheet Search
  English  ▼

X  

OPA2677 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2677
Description  350 mA, 짹12 V ADSL CPE LINE DRIVERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2677 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2677 Datasheet HTML 6Page - Texas Instruments OPA2677 Datasheet HTML 7Page - Texas Instruments OPA2677 Datasheet HTML 8Page - Texas Instruments OPA2677 Datasheet HTML 9Page - Texas Instruments OPA2677 Datasheet HTML 10Page - Texas Instruments OPA2677 Datasheet HTML 11Page - Texas Instruments OPA2677 Datasheet HTML 12Page - Texas Instruments OPA2677 Datasheet HTML 13Page - Texas Instruments OPA2677 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
THS6042, THS6043
350 mA,
±12 V ADSL CPE LINE DRIVERS
SLOS264G – MARCH 2000 – REVISED DECEMBER 2001
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
–100
–95
–90
–85
–80
–75
–70
0
2
4
6
8
10
12
14
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE
VO – Output Voltage – VPP
VCC = ±15 V
Gain = 4
RL = 25 Ω
Rf = 390 Ω
f = 250 KHz
2nd Order
3rd Order
Figure 14
–100
–95
–90
–85
–80
–75
–70
02
46
8
10
12
14
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE
VO – Output Voltage – VPP
VCC = ±10 V
Gain = 4
RL = 25 Ω
Rf = 390 Ω
f = 250 KHz
2nd Order
3rd Order
Figure 15
–100
–95
–90
–85
–80
–75
–70
01
23
4
5
6
7
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE
VO – Output Voltage – VPP
VCC = ±5.4 V
Gain = 4
RL = 25 Ω
Rf = 390 Ω
f = 250 KHz
2nd Order
3rd Order
Figure 16
–100
–90
–80
–70
–60
–50
–40
–30
100 k
1 M
10 M
100 M
HARMONIC DISTORTION
vs
FREQUENCY
VCC = ±15 V
Gain = 4
RL = 25 Ω
Rf = 390 Ω
VO = 2 VPP
2nd Order
3rd Order
f – Frequency – Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com